Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 28 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 28 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 24Page - Actel Corporation PROASIC3E Datasheet HTML 25Page - Actel Corporation PROASIC3E Datasheet HTML 26Page - Actel Corporation PROASIC3E Datasheet HTML 27Page - Actel Corporation PROASIC3E Datasheet HTML 28Page - Actel Corporation PROASIC3E Datasheet HTML 29Page - Actel Corporation PROASIC3E Datasheet HTML 30Page - Actel Corporation PROASIC3E Datasheet HTML 31Page - Actel Corporation PROASIC3E Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
28
v1.4
The slew rate can be implemented by using a PDC command (Table 6 on page 6), setting it "High"
or "Low" in the I/O Attribute Editor in Designer, or instantiating a special I/O macro. The default
slew rate value is "High."
IGLOOe and ProASIC3E devices support output slew rate control: high and low. Actel recommends
the high slew rate option to minimize the propagation delay. This high-speed option may
introduce noise into the system if appropriate signal integrity measures are not adopted. Selecting
a low slew rate reduces this kind of noise but adds some delays in the system. Low slew rate is
recommended when bus transients are expected.
Output Drive
The output buffers of IGLOOe and ProASIC3E devices can provide multiple drive strengths to meet
signal integrity requirements. The LVTTL and LVCMOS (except 1.2 V LVCMOS) standards have
selectable drive strengths. Other standards have a preset value.
Drive strength should also be selected according to the design requirements and noise immunity of
the system.
The output slew rate and multiple drive strength controls are available in LVTTL/LVCMOS 3.3 V,
LVCMOS 2.5 V, LVCMOS 2.5 V / 5.0 V input, LVCMOS 1.8 V, and LVCMOS 1.5 V. All other I/O
standards have a high output slew rate by default.
For other IGLOOe and ProASIC3E devices, refer to Table 15 for more information about the slew
rate and drive strength specification.
There will be a difference in timing between the Standard Plus I/O banks and the Advanced I/O
banks. Refer to the I/O timing tables in the datasheet for the standards supported by each device.
Table 15 • IGLOOe and ProASIC3E I/O Standards—Output Drive and Slew Rate
I/O Standards
2 mA
4 mA
6 mA
8 mA
12 mA
16 mA
24 mA
Slew
LVTTL/LVCMOS 3.3 V
✓✓
✓
✓
✓✓
✓
High
Low
LVCMOS 2.5 V
✓✓
✓
✓
✓✓
✓
High
Low
LVCMOS 2.5/5.0 V
✓✓
✓
✓
✓✓
✓
High
Low
LVCMOS 1.8 V
✓✓
✓
✓
✓✓
–High
Low
LVCMOS 1.5 V
✓✓
✓
✓
✓
–
–
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com