Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 31 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 31 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 27Page - Actel Corporation PROASIC3E Datasheet HTML 28Page - Actel Corporation PROASIC3E Datasheet HTML 29Page - Actel Corporation PROASIC3E Datasheet HTML 30Page - Actel Corporation PROASIC3E Datasheet HTML 31Page - Actel Corporation PROASIC3E Datasheet HTML 32Page - Actel Corporation PROASIC3E Datasheet HTML 33Page - Actel Corporation PROASIC3E Datasheet HTML 34Page - Actel Corporation PROASIC3E Datasheet HTML 35Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
31
Table 17 • IGLOOe and ProASIC3E I/O Default Attributes
I/O Standard
LVTTL/LVCMOS 3.3 V
See
Table 15 on
page 28
See Table 15
on page 28
Off
None
35 pF
–
Off
0
Off
LVCMOS 2.5 V
Off
None
35 pF
–
Off
0
Off
LVCMOS 2.5/5.0 V
Off
None
35 pF
–
Off
0
Off
LVCMOS 1.8 V
Off
None
35 pF
–
Off
0
Off
LVCMOS 1.5 V
Off
None
35 pF
–
Off
0
Off
PCI (3.3 V)
Off
None
10 pF
–
Off
0
Off
PCI-X (3.3 V)
Off
None
10 pF
–
Off
0
Off
GTL+ (3.3 V)
Off
None
10 pF
–
Off
0
Off
GTL+ (2.5 V)
Off
None
10 pF
–
Off
0
Off
GTL (3.3 V)
Off
None
10 pF
–
Off
0
Off
GTL (2.5 V)
Off
None
10 pF
–
Off
0
Off
HSTL Class I
Off
None
20 pF
–
Off
0
Off
HSTL Class II
Off
None
20 pF
–
Off
0
Off
SSTL2 Class I and II
Off
None
30 pF
–
Off
0
Off
SSTL3 Class I and II
Off
None
30 pF
–
Off
0
Off
LVDS, B-LVDS, M-LVDS
Off
None
0 pF
–
Off
0
Off
LVPECL
Off
None
0 pF
–
Off
0
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com