Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 13 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 13 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation PROASIC3E Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
13
GTL 2.5 V (Gunning Transceiver Logic 2.5 V)
This is a low-power standard (JESD 8-3) for electrical signals used in CMOS circuits that allows for
low electromagnetic interference at high transfer speeds. It has a voltage swing between 0.4 V and
1.2 V and typically operates at speeds of between 20 and 40 MHz. VCCI must be connected to 2.5 V.
The reference voltage (VREF) is 0.8 V.
GTL 3.3 V (Gunning Transceiver Logic 3.3 V)
This is the same as GTL 2.5 V above, except VCCI must be connected to 3.3 V.
GTL+ (Gunning Transceiver Logic Plus)
This is an enhanced version of GTL that has defined slew rates and higher voltage levels. It requires
a differential amplifier input buffer and an open-drain output buffer. Even though the output is
open-drain, VCCI must be connected to either 2.5 V or 3.3 V. The reference voltage (VREF) is 1 V.
Differential Standards
These standards require two I/Os per signal (called a “signal pair”). Logic values are determined by
the potential difference between the lines, not with respect to ground. This is why differential
drivers and receivers have much better noise immunity than single-ended standards. The
differential interface standards offer higher performance and lower power consumption than their
single-ended counterparts. Two I/O pins are used for each data transfer channel. Both differential
standards require resistor termination.
LVPECL (Low-Voltage Positive Emitter Coupled Logic)
LVPECL requires that one data bit be carried through two signal lines; therefore, two pins are
needed per input or output. It also requires external resistor termination. The voltage swing
between the two signal lines is approximately 850 mV. When the power supply is +3.3 V, it is
commonly referred to as Low-Voltage PECL (LVPECL). Refer to the device datasheet for the full
implementation of the LVPECL transmitter and receiver.
LVDS (Low-Voltage Differential Signal)
LVDS is a moderate-speed differential signaling system, in which the transmitter generates two
different voltages that are compared at the receiver. LVDS uses a differential driver connected to a
terminated receiver through a constant-impedance transmission line. It requires that one data bit
be carried through two signal lines; therefore, the user will need two pins per input or output. It
also requires external resistor termination. The voltage swing between the two signal lines is
approximately 350 mV. VCCI is 2.5 V. Low-power flash devices contain dedicated circuitry supporting
a high-speed LVDS standard that has its own user specification. Refer to the device datasheet for
the full implementation of the LVDS transmitter and receiver.
Figure 8 • Differential Topology
VCCI
DEVICE 1
GND
VREF
OUTn
OUTp
INn
INp
VCCI
DEVICE 2
GND
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com