Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 8 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 8 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
8v1.4
I/O Architecture
I/O Tile
The I/O tile provides a flexible, programmable structure for implementing a large number of I/O
standards. In addition, the registers available in the I/O tile can be used to support high-
performance register inputs and outputs, with register enable if desired (Figure 3). The registers
can also be used to support the JESD-79C Double Data Rate (DDR) standard within the I/O structure
(see DDR for Actel’s Low-Power Flash Devices for more information).
As depicted in Figure 3, all I/O registers share one CLR port. The output register and output enable
register share one CLK port.
Figure 3 • I/O Block Logical Representation
Input
Register
E = Enable Pin
A
Y
PAD
1
2
3
4
5
6
OCE
ICE
ICE
Input
Register
Input
Register
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
Pull-Up/-Down
Resistor Control
Signal Drive Strength
and Slew Rate Control
Output
Register
Output
Register
To FPGA Core
From FPGA Core
Output
Enable
Register
OCE
I/O / CLR or I/O / PRE / OCE
I/O / Q0
I/O / Q1
I/O / ICLK
I/O / D0
I/O / D1 / ICE
I/O / OCLK
I/O / OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com