Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 24 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 24 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 20Page - Actel Corporation PROASIC3E Datasheet HTML 21Page - Actel Corporation PROASIC3E Datasheet HTML 22Page - Actel Corporation PROASIC3E Datasheet HTML 23Page - Actel Corporation PROASIC3E Datasheet HTML 24Page - Actel Corporation PROASIC3E Datasheet HTML 25Page - Actel Corporation PROASIC3E Datasheet HTML 26Page - Actel Corporation PROASIC3E Datasheet HTML 27Page - Actel Corporation PROASIC3E Datasheet HTML 28Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
24
v1.4
5 V Output Tolerance
IGLOO and ProASIC3 I/Os must be set to 3.3 V LVTTL or 3.3 V LVCMOS mode to reliably drive 5 V TTL
receivers. It is also critical that there be NO external I/O pull-up resistor to 5 V, since this resistor
would pull the I/O pad voltage beyond the 3.6 V absolute maximum value and consequently cause
damage to the I/O.
When set to 3.3 V LVTTL or 3.3 V LVCMOS mode, the I/Os can directly drive signals into 5 V TTL
receivers. In fact, VOL =0.4 V and VOH = 2.4 V in both 3.3 V LVTTL and 3.3 V LVCMOS modes exceeds
the VIL =0.8 V and VIH = 2 V level requirements of 5 V TTL receivers. Therefore, level 1 and level 0
will be recognized correctly by 5 V TTL receivers.
Schmitt Trigger
A Schmitt trigger is a buffer used to convert a slow or noisy input signal into a clean one before
passing it to the FPGA. Using Schmitt trigger buffers guarantees a fast, noise-free input signal to
the FPGA.
ProASIC3E devices have Schmitt triggers built into their I/O circuitry. The Schmitt trigger is available
for the LVTTL, LVCMOS, and 3.3 V PCI I/O standards.
This feature can be implemented by using a Physical Design Constraints (PDC) command (Table 6 on
page 6) or by selecting a check box in the I/O Attribute Editor in Designer. The check box is cleared
by default.
Selectable Skew between Output Buffer Enable and Disable Times
Low-power flash devices have a configurable skew block in the output buffer circuitry that can be
enabled to delay output buffer assertion without affecting deassertion time. Since this skew block
is only available for the OE signal, the feature can be used in tristate and bidirectional buffers. A
typical 1.2 ns delay is added to the OE signal to prevent potential bus contention. Refer to the
appropriate family datasheet for detailed timing diagrams and descriptions.
The Skew feature is available for all I/O standards.
This feature can be implemented by using a PDC command (Table 6 on page 6) or by selecting a
check box in the I/O Attribute Editor in Designer. The check box is cleared by default.
The configurable skew block is used to delay output buffer assertion (enable) without affecting
deassertion (disable) time.
Figure 14 • Block Diagram of Output Enable Path
ENABLE (OUT)
Skew Circuit
Output Enable
(from FPGA core)
I/O Output
Buffers
ENABLE (IN)
MUX
Skew Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com