Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 32 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 32 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 28Page - Actel Corporation PROASIC3E Datasheet HTML 29Page - Actel Corporation PROASIC3E Datasheet HTML 30Page - Actel Corporation PROASIC3E Datasheet HTML 31Page - Actel Corporation PROASIC3E Datasheet HTML 32Page - Actel Corporation PROASIC3E Datasheet HTML 33Page - Actel Corporation PROASIC3E Datasheet HTML 34Page - Actel Corporation PROASIC3E Datasheet HTML 35Page - Actel Corporation PROASIC3E Datasheet HTML 36Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
32
v1.4
Table 18 • Supported IGLOOe, ProASIC3L, and ProASIC3E I/O Standards and Corresponding VREF and VTT
Voltages
I/O Standard
Input/Output Supply
Voltage
(VMVTYP/VCCI_TYP)
Input Reference
Voltage (VREF_TYP)
Board Termination
Voltage (VTT_TYP)
LVTTL/ L VCMOS 3.3 V
3.30 V
–
–
LVCMOS 2.5 V
2.50 V
–
–
LVCMOS 2.5/5.0 V Input
2.50 V
–
–
LVCMOS 1.8 V
1.80 V
–
–
LVCMOS 1.5 V
1.50 V
–
–
PCI 3.3 V
3.30 V
–
–
PCI-X 3.3 V
3.30 V
–
–
GTL+ 3.3 V
3.30 V
1.00 V
1.50 V
GTL+ 2.5 V
2.50 V
1.00 V
1.50 V
GTL 3.3 V
3.30 V
0.80 V
1.20 V
GTL 2.5 V
2.50 V
0.80 V
1.20 V
HSTL Class I
1.50 V
0.75 V
0.75 V
HSTL Class II
1.50 V
0.75 V
0.75 V
SSTL3 Class I
3.30 V
1.50 V
1.50 V
SSTL3 Class II
3.30 V
1.50 V
1.50 V
SSTL2 Class I
2.50 V
1.25 V
1.25 V
SSTL2 Class II
2.50 V
1.25 V
1.25 V
LVDS, DDR LVDS, B-LVDS, M-LVDS
2.50 V
–
–
LVPECL
3.30 V
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com