Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 6 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 6 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
6v1.4
Features Supported on Every I/O
Table 6 lists all features supported by transmitter/receiver for single-ended and differential I/Os.
Table 7 on page 7 lists the performance of each I/O technology.
Table 6 • IGLOOe and ProASIC3E I/O Features
Feature
Description
All I/O
•
High performance (Table 7 on page 7)
•
Electrostatic discharge protection
•
I/O register combining option
Single-Ended
and
Voltage-Referenced
Transmitter Features
•
Hot-swap in every mode except PCI or 5 V–input–tolerant (these
modes use clamp diodes and do not allow hot-swap)
•
Activation of hot-insertion (disabling the clamp diode) is
selectable by I/Os.
•
Output slew rate: 2 slew rates
•
Weak pull-up and pull-down resistors
•
Output drive: 5 drive strengths
•
Programmable output loading
•
Skew between output buffer enable/disable time: 2 ns delay on
rising edge and 0 ns delay on falling edge (see "Selectable Skew
between Output Buffer Enable and Disable Times" section on
page 24 for more information)
•
LVTTL/LVCMOS 3.3 V outputs compatible with 5 V TTL inputs
Single-Ended Receiver Features
•
5 V–input–tolerant receiver (Table 13 on page 19)
•
Schmitt trigger option
•
Programmable delay: 0 ns if bypassed, 0.625 ns with '000'
setting, 6.575 ns with '111' setting, 0.85-ns intermediate delay
increments (at 25°C, 1.5 V)
•
Separate ground plane for GNDQ pin and power plane for VMV
pin are used for input buffer to reduce output-induced noise.
Voltage-Referenced Differential Receiver
Features
•
Programmable delay: 0 ns if bypassed, 0.46 ns with '000' setting,
4.66 ns with '111' setting, 0.6-ns intermediate delay increments
(at 25°C, 1.5 V)
•
Separate ground plane for GNDQ pin and power plane for VMV
pin are used for input buffer to reduce output-induced noise.
CMOS-Style LVDS, B-LVDS, M-LVDS, or
LVPECL Transmitter
•
Two I/Os and external resistors are used to provide a CMOS-style
LVDS, DDR LVDS, B-LVDS, and M-LVDS/LVPECL transmitter
solution.
•
Activation of hot-insertion (disabling the clamp diode) is
selectable by I/Os.
•
High slew rate
•
Weak pull-up and pull-down resistors
•
Programmable output loading
LVDS,
DDR
LVDS,
B-LVDS,
and
M-LVDS/LVPECL
Differential
Receiver
Features
•
Programmable delay: 0 ns if bypassed, 0.46 ns with '000' setting,
4.66 ns with '111' setting, 0.6-ns intermediate delay increments
(at 25°C, 1.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com