Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 33 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 33 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 29Page - Actel Corporation PROASIC3E Datasheet HTML 30Page - Actel Corporation PROASIC3E Datasheet HTML 31Page - Actel Corporation PROASIC3E Datasheet HTML 32Page - Actel Corporation PROASIC3E Datasheet HTML 33Page - Actel Corporation PROASIC3E Datasheet HTML 34Page - Actel Corporation PROASIC3E Datasheet HTML 35Page - Actel Corporation PROASIC3E Datasheet HTML 36Page - Actel Corporation PROASIC3E Datasheet HTML 37Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
33
IGLOOe and ProASIC3E
Due to the comprehensive and flexible nature of IGLOOe and ProASIC3E device user I/Os, a naming
scheme is used to show the details of each I/O (Figure 20 on page 34). The name identifies to which
I/O bank it belongs, as well as the pairing and pin polarity for differential I/Os.
I/O Nomenclature
= FF/Gmn/IOuxwByVz
Gmn is only used for I/Os that also have CCC access—i.e., global pins.
FF = Indicates the I/O dedicated for the Flash*Freeze mode activation pin in IGLOOe only
G= Global
m
= Global pin location associated with each CCC on the device: A (northwest corner), B
(northeast corner), C (east middle), D (southeast corner), E (southwest corner), and F (west
middle)
n
= Global input MUX and pin number of the associated Global location m, either A0, A1, A2, B0,
B1, B2, C0, C1, or C2. Refer to Global Resources in Actel Low-Power Flash Devices for
information about the three input pins per clock source MUX at CCC location m.
u
= I/O pair number in the bank, starting at 00 from the northwest I/O bank and proceeding in a
clockwise direction
x
= P (Positive) or N (Negative) for differential pairs, or R (Regular—single-ended) for the I/Os
that support single-ended and voltage-referenced I/O standards only
w
= D (Differential Pair), P (Pair), or S (Single-Ended). D (Differential Pair) if both members of the
pair are bonded out to adjacent pins or are separated only by one GND or NC pin; P (Pair) if
both members of the pair are bonded out but do not meet the adjacency requirement; or S
(Single-Ended) if the I/O pair is not bonded out. For Differential (D) pairs, adjacency for ball
grid packages means only vertical or horizontal. Diagonal adjacency does not meet the
requirements for a true differential pair.
B
= Bank
y
= Bank number (0–7). The bank number starts at 0 from the northwest I/O bank and proceeds
in a clockwise direction.
V
= VREF
z
= VREF minibank number (0–4). A given voltage-referenced signal spans 16 pins (typically) in an
I/O bank. Voltage banks may have multiple VREF minibanks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com