Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 3 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 3 Page - Actel Corporation

  PROASIC3E Datasheet HTML 1Page - Actel Corporation PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
3
Pro I/Os—IGLOOe, ProASIC3EL, and ProASIC3E
Table 2 shows the voltages and compatible I/O standards for Pro I/Os. I/Os provide programmable
slew rates, drive strengths, and weak pull-up and pull-down circuits. All I/O standards, except 3.3 V
PCI and 3.3 V PCI-X, are capable of hot-insertion. 3.3 V PCI and 3.3 V PCI-X are 5 V–tolerant. See the
"5 V Input Tolerance" section on page 20 for possible implementations of 5 V tolerance. Single-
ended input buffers support both the Schmitt trigger and programmable delay options on a per–
I/O basis.
All I/Os are in a known state during power-up, and any power-up sequence is allowed without
current impact. Refer to the "I/O Power-Up and Supply Voltage Thresholds for Power-On Reset
(Commercial and Industrial)" section in the datasheet for more information. During power-up,
before reaching activation levels, the I/O input and output buffers are disabled while the weak
pull-up is enabled. Activation levels are described in the datasheet.
Table 2 • Supported I/O Standards
A3PE600
A3PE1500
A3PE3000/
A3PE3000L
AGLE600
AGLE1500
AGLE3000
Single-Ended
LVTTL/LVCMOS 3.3 V, LVCMOS 2.5 V / 1.8 V / 1.5 V,
LVCMOS 2.5/5.0 V, 3.3 V PCI/PCI-X
✓✓
✓
Differential
LVPECL, LVDS, B-LVDS, M-LVDS
✓✓
✓
Voltage-Referenced
GTL+ 2.5 V / 3.3 V, GTL 2.5 V / 3.3 V, HSTL Class I
and II, SSTL2 Class I and II, SSTL3 Class I and II
✓✓
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com