Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 16 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 16 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation PROASIC3E Datasheet HTML 17Page - Actel Corporation PROASIC3E Datasheet HTML 18Page - Actel Corporation PROASIC3E Datasheet HTML 19Page - Actel Corporation PROASIC3E Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
16
v1.4
Table 9 • Hot-Swap Level 1
Description
Cold-swap
Power Applied to Device
No
Bus State
–
Card Ground Connection
–
Device Circuitry Connected to Bus Pins
–
Example Application
System and card with Actel FPGA chip are
powered down, and the card is plugged into
the system. Then the power supplies are turned
on for the system but not for the FPGA on the
card.
Compliance of IGLOO and ProASIC3 Devices
30 k gate devices: Compliant
Other IGLOO/ProASIC3 devices: Compliant if bus
switch used to isolate FPGA I/Os from rest of
system
IGLOOe/ProASIC3E devices: Compliant I/Os can,
but do not have to be set to hot-insertion
mode.
Table 10 • Hot-Swap Level 2
Description
Hot-swap while reset
Power Applied to Device
Yes
Bus State
Held in reset state
Card Ground Connection
Reset must be maintained for 1 ms before,
during, and after insertion/removal.
Device Circuitry Connected to Bus Pins
–
Example Application
In the PCI hot-plug specification, reset control
circuitry isolates the card busses until the card
supplies are at their nominal operating levels
and stable.
Compliance of IGLOO and ProASIC3 Devices
30 k gate devices, all IGLOOe/ProASIC3E devices:
Compliant I/Os can but do not have to be set to
hot-insertion mode.
Other IGLOO/ProASIC3 devices: Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com