Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 17 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 17 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation PROASIC3E Datasheet HTML 17Page - Actel Corporation PROASIC3E Datasheet HTML 18Page - Actel Corporation PROASIC3E Datasheet HTML 19Page - Actel Corporation PROASIC3E Datasheet HTML 20Page - Actel Corporation PROASIC3E Datasheet HTML 21Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
17
Table 11 • Hot-Swap Level 3
Description
Hot-swap while bus idle
Power Applied to Device
Yes
Bus State
Held idle (no ongoing I/O processes during
insertion/removal)
Card Ground Connection
Reset must be maintained for 1 ms before,
during, and after insertion/removal.
Device Circuitry Connected to Bus Pins
Must remain glitch-free during power-up or
power-down
Example Application
Board bus shared with card bus is "frozen," and
there is no toggling activity on the bus. It is
critical that the logic states set on the bus signal
not be disturbed during card insertion/removal.
Compliance of IGLOO and ProASIC3 Devices
30 k gate devices, all IGLOOe/ProASIC3E devices:
Compliant with two levels of staging (first:
GND; second: all other pins)
Other IGLOO/ProASIC3 devices: Compliant:
Option A – Two levels of staging (first: GND;
second: all other pins) together with bus switch
on the I/Os
Option B – Three levels of staging (first: GND;
second: supplies; third: all other pins)
Table 12 • Hot-Swap Level 4
Description
Hot-swap on an active bus
Power Applied to Device
Yes
Bus State
Bus may have active I/O processes ongoing, but
device being inserted or removed must be idle.
Card Ground Connection
Reset must be maintained for 1 ms before,
during, and after insertion/removal.
Device Circuitry Connected to Bus Pins
Must remain glitch-free during power-up or
power-down
Example Application
There is activity on the system bus, and it is
critical that the logic states set on the bus signal
not be disturbed during card insertion/removal.
Compliance of IGLOO and ProASIC3 Devices
30 k gate devices, all IGLOOe/ProASIC3E devices:
Compliant with two levels of staging (first:
GND; second: all other pins)
Other IGLOO/ProASIC3 devices: Compliant:
Option A – Two levels of staging (first: GND;
second: all other pins) together with bus switch
on the I/Os
Option B – Three levels of staging (first: GND;
second: supplies; third: all other pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com