Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 2 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 2 Page - Actel Corporation

  PROASIC3E Datasheet HTML 1Page - Actel Corporation PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
2v1.4
Low-Power Flash Device I/O Support
The low-power flash FPGAs listed in Table 1 support I/Os and the functions described in this
document.
IGLOO Terminology
In documentation, the terms IGLOO series and IGLOO devices refer to all of the IGLOO devices as
listed in Table 1. Where the information applies to only one product line or limited devices, these
exclusions will be explicitly stated.
ProASIC3 Terminology
In documentation, the terms ProASIC3 series and ProASIC3 devices refer to all of the ProASIC3
devices as listed in Table 1. Where the information applies to only one product line or limited
devices, these exclusions will be explicitly stated.
To further understand the differences between the IGLOO and ProASIC3 devices, refer to the
Industry’s Lowest Power FPGAs Portfolio.
Table 1 • Flash-Based FPGAs
Series
Family*
Description
IGLOO
IGLOOe
Higher density IGLOO FPGAs with six PLLs and additional I/O standards
ProASIC3
ProASIC3E
Higher density ProASIC3 FPGAs with six PLLs and additional I/O standards
ProASIC3L
ProASIC3 FPGAs supporting 1.2 V to 1.5 V with Flash*Freeze technology
Military ProASIC3/EL
Military temperature A3PE600L, A3P1000, and A3PE3000L
RT ProASIC3
Radiation-tolerant RT3PE600L and RT3PE3000L
Note: *The device names link to the appropriate datasheet, including product brief, DC and switching
characteristics, and packaging information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com