Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 10 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 10 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
10
v1.4
I/O Registers
Each I/O module contains several input, output, and enable registers. Refer to Figure 5 for a
simplified representation of the I/O block. The number of input registers is selected by a set of
switches (not shown in Figure 3 on page 8) between registers to implement single-ended or
differential data transmission to and from the FPGA core. The Designer software sets these
switches for the user. A common CLR/PRE signal is employed by all I/O registers when I/O register
combining is used. Input Register 2 does not have a CLR/PRE pin, as this register is used for DDR
implementation. The I/O register combining must satisfy certain rules.
Notes:
1. All NMOS transistors connected to the I/O pad serve as ESD protection.
2. See Table 2 on page 3 for available I/O standards.
Figure 5 • Simplified I/O Buffer Circuitry
Programmable Input
Delay Control
Input Buffer Standard2
and Schmitt Trigger
Control
Input Signal to Core Logic
Input Buffer
OE
(from core logic)
Output Signal
(from core logic)
Output Buffer
Logic and
Enable Skew
Circuit
Drive
Strength
and
Output
Slew Rate
Control
Clamp Diode
ESD Protection1
Weak
Pull-
Down
Control
(from
core)
Clamp Diode
ESD Protection1
VCCI
I/O PAD
Weak
Pull-Up
Control
(from
core)
Hot-Swap, 5 V Tolerance, and
Clamp Diode Control
Output Buffer
VCCI
VCCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com