Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 14 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 14 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation PROASIC3E Datasheet HTML 17Page - Actel Corporation PROASIC3E Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
14
v1.4
B-LVDS/M-LVDS
Bus LVDS (B-LVDS) refers to bus interface circuits based on LVDS technology. Multipoint LVDS
(M-LVDS) specifications extend the LVDS standard to high-performance multipoint bus
applications. Multidrop and multipoint bus configurations may contain any combination of drivers,
receivers, and transceivers. Actel LVDS drivers provide the higher drive current required by B-LVDS
and M-LVDS to accommodate the loading. The driver requires series terminations for better signal
quality and to control voltage swing. Termination is also required at both ends of the bus, since the
driver can be located anywhere on the bus. These configurations can be implemented using
TRIBUF_LVDS and BIBUF_LVDS macros along with appropriate terminations. Multipoint designs
using Actel LVDS macros can achieve up to 200 MHz with a maximum of 20 loads. A sample
application is given in Figure 9. The input and output buffer delays are available in the LVDS
sections in the datasheet.
Example: For a bus consisting of 20 equidistant loads, the terminations given in EQ 1 provide the
required differential voltage, in worst case industrial operating conditions, at the farthest receiver:
RS =60 Ω, RT = 70 Ω, given ZO = 50 Ω (2") and Zstub = 50 Ω (~1.5").
EQ 1
Figure 9 • A B-LVDS/M-LVDS Multipoint Application Using LVDS I/O Buffers
...
RT
RT
BIBUF_LVDS
R
RS
RS
Z0
Receiver
+-
Zstub
T
RS
RS
Z0
Transceiver
+-
R
RS
RS
Z0
Receiver
+-
T
Transceiver
+-
D
RS
RS
Z0
Driver
+-
EN
EN
EN
EN
EN
Zstub Zstub
Zstub Zstub
Zstub Zstub
Zstub
Z0
Z0
Z0
Z0
RS
RS
Zstub
Zstub
Z0
Z0
Z0
Z0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com