Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 1 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 1 Page - Actel Corporation

  PROASIC3E Datasheet HTML 1Page - Actel Corporation PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
v1.4
1
I/O Structures in IGLOOe and ProASIC3E Devices
Introduction
Low-power flash devices feature a flexible I/O structure, supporting a range of mixed voltages (1.2 V,
1.5 V, 1.8 V, 2.5 V, and 3.3 V) through bank-selectable voltages. IGLOO®e, ProASIC®3EL, and
ProASIC3E families support Pro I/Os.
Users designing I/O solutions are faced with a number of implementation decisions and
configuration choices that can directly impact the efficiency and effectiveness of their final design.
The flexible I/O structure, supporting a wide variety of voltages and I/O standards, enables users to
meet the growing challenges of their many diverse applications. The Actel Libero® Integrated
Design Environment (IDE) provides an easy way to implement I/O that will result in robust I/O
design.
This document first describes the two different I/O types in terms of the standards and features
they support. It then explains the individual features and how to implement them in Actel's Libero
IDE.
Figure 1 • I/O Block Logical Representation
Input
Register
E = Enable Pin
A
Y
PAD
1
2
3
4
5
6
OCE
ICE
ICE
Input
Register
Input
Register
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
Pull-Up/-Down
Resistor Control
Signal Drive Strength
and Slew Rate Control
Output
Register
Output
Register
To FPGA Core
From FPGA Core
Output
Enable
Register
OCE
I/O / CLR or I/O / PRE / OCE
I/O / Q0
I/O / Q1
I/O / ICLK
I/O / D0
I/O / D1 / ICE
I/O / OCLK
I/O / OE
Scan
Scan
Scan


Similar Part No. - PROASIC3E

ManufacturerPart #DatasheetDescription
logo
PRO-IRODA INDUSTRIES, I...
PRO 50 PRO-IRODA-PRO 50 Datasheet
121Kb / 1P
SOLDERPRO Series
PRO 70 PRO-IRODA-PRO 70 Datasheet
121Kb / 1P
SOLDERPRO Series
logo
Portasol LTD.
PRO PIEZO PORTASOL-PRO PIEZO Datasheet
446Kb / 2P
Professional And Service Technicains
PRO PIEZO KIT PORTASOL-PRO PIEZO KIT Datasheet
446Kb / 2P
Professional And Service Technicains
logo
W.Soehngen GmbH
PRO SKID-E SOEHNGEN-PRO SKID-E Datasheet
530Kb / 2P
Rescue transport
02-2023
More results

Similar Description - PROASIC3E

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2651A KEYSIGHT-U2651A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
U2652A KEYSIGHT-U2652A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
U2653A KEYSIGHT-U2653A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
U2903A KEYSIGHT-U2903A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
U2904A KEYSIGHT-U2904A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
logo
M-System Co.,Ltd.
R10M-CT4E MSYSTEM-R10M-CT4E Datasheet
365Kb / 7P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
R10M-US2 MSYSTEM-R10M-US2 Datasheet
401Kb / 8P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
logo
Schneider Electric
BMXEIA0100 SCHNEIDER-BMXEIA0100 Datasheet
132Kb / 4P
Master module - upto 62 devices on discrete I/O - upto 31 devices on analog I/O
Apr 20, 2022
logo
Molex Electronics Ltd.
987650-9332 MOLEX-987650-9332 Datasheet
456Kb / 2P
The Brad짰 HarshIO IP67 I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh environments
logo
List of Unclassifed Man...
USB-CTR ETC-USB-CTR Datasheet
1Mb / 8P
High-Speed Counter/Timer Devices with Digital I/O
April 2018. Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com