Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 22 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 22 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 18Page - Actel Corporation PROASIC3E Datasheet HTML 19Page - Actel Corporation PROASIC3E Datasheet HTML 20Page - Actel Corporation PROASIC3E Datasheet HTML 21Page - Actel Corporation PROASIC3E Datasheet HTML 22Page - Actel Corporation PROASIC3E Datasheet HTML 23Page - Actel Corporation PROASIC3E Datasheet HTML 24Page - Actel Corporation PROASIC3E Datasheet HTML 25Page - Actel Corporation PROASIC3E Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
22
v1.4
Solution 3
The board-level design must ensure that the reflected waveform at the pad does not exceed the
voltage overshoot/undershoot limits provided in the datasheet. This is a requirement to ensure
long-term reliability.
This scheme will also work for a 3.3 V PCI/PCI-X configuration, but the internal diode should not be
used for clamping, and the voltage must be limited by the bus switch, as shown in Figure 12.
Relying on the diode clamping would create an excessive pad DC voltage of 3.3 V + 0.7 V = 4 V.
Figure 12 • Solution 3
Solution 3
Requires a bus switch on the board,
LVTTL/LVCMOS 3.3 V I/Os.
I/O Input
3.3 V
5.5 V
5.5 V
Bus
Switch
IDTQS32X23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com