Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 19 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 19 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation PROASIC3E Datasheet HTML 17Page - Actel Corporation PROASIC3E Datasheet HTML 18Page - Actel Corporation PROASIC3E Datasheet HTML 19Page - Actel Corporation PROASIC3E Datasheet HTML 20Page - Actel Corporation PROASIC3E Datasheet HTML 21Page - Actel Corporation PROASIC3E Datasheet HTML 22Page - Actel Corporation PROASIC3E Datasheet HTML 23Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
19
This current draw can occur in the following cases:
•
In Active and Static modes:
–
Input buffers with pull-up, driven LOW
–
Input buffers with pull-down, driven HIGH
–
Bidirectional buffers with pull-up, driven LOW
–
Bidirectional buffers with pull-down, driven HIGH
–
Output buffers with pull-up, driven LOW
–
Output buffers with pull-down, driven HIGH
–
Tristate buffers with pull-up, driven LOW
–
Tristate buffers with pull-down, driven HIGH
•
In Flash*Freeze mode:
–
Input buffers with pull-up, driven LOW
–
Input buffers with pull-down, driven HIGH
–
Bidirectional buffers with pull-up, driven LOW
–
Bidirectional buffers with pull-down, driven HIGH
Electrostatic Discharge Protection
Low-power flash devices are tested per JEDEC Standard JESD22-A114-B.
These devices contain clamp diodes at every I/O, global, and power pad. Clamp diodes protect all
device pads against damage from ESD as well as from excessive voltage transients.
All IGLOO and ProASIC3 devices are tested to the following models: the Human Body Model (HBM)
with a tolerance of 2,000 V, the Machine Model (MM) with a tolerance of 250 V, and the Charged
Device Model (CDM) with a tolerance of 200 V.
Each I/O has two clamp diodes. One diode has its positive (P) side connected to the pad and its
negative (N) side connected to VCCI. The second diode has its P side connected to GND and its N side
connected to the pad. During operation, these diodes are normally biased in the off state, except
when transient voltage is significantly above VCCI or below GND levels.
In 30 k gate devices, the first diode is always off. In other devices, the clamp diode is always on and
cannot be switched off.
By selecting the appropriate I/O configuration, the diode is turned on or off. Refer to Table 13 for
more information about the I/O standards and the clamp diode.
The second diode is always connected to the pad, regardless of the I/O configuration selected.
Table 13 • I/O Hot-Swap and 5 V Input Tolerance Capabilities in IGLOOe and ProASIC3E Devices
I/O Assignment
Clamp Diode
Hot Insertion
5 V Input
Tolerance
Input
Buffer
Output
Buffer
3.3 V LVTTL/LVCMOS
No
Yes
Yes1
Enabled/Disabled
3.3 V PCI, 3.3 V PCI-X
Yes
No
Yes1
Enabled/Disabled
LVCMOS 2.5 V 2
No
Yes
No
Enabled/Disabled
LVCMOS 2.5 V / 5.0 V 2
Yes
No
Yes3
Enabled/Disabled
LVCMOS 1.8 V
No
Yes
No
Enabled/Disabled
LVCMOS 1.5 V
No
Yes
No
Enabled/Disabled
Voltage-Referenced Input Buffer
No
Yes
No
Enabled/Disabled
Differential, LVDS/B-LVDS/M-LVDS/LVPECL
No
Yes
No
Enabled/Disabled
Notes:
1. Can be implemented with an external IDT bus switch, resistor divider, or Zener with resistor.
2. In the SmartGen Core Reference Guide, select the LVCMOS5 macro for the LVCMOS 2.5 V / 5.0 V I/O
standard or the LVCMOS25 macro for the LVCMOS 2.5 V I/O standard.
3. Can be implemented with an external resistor and an internal clamp diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com