Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 4 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 4 Page - Actel Corporation

  PROASIC3E Datasheet HTML 1Page - Actel Corporation PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
4v1.4
I/O Banks and I/O Standards Compatibility
I/Os are grouped into I/O voltage banks.
Each I/O voltage bank has dedicated I/O supply and ground voltages (VMV/GNDQ for input buffers
and VCCI/GND for output buffers). Because of these dedicated supplies, only I/Os with compatible
standards can be assigned to the same I/O voltage bank. Table 3 on page 5 shows the required
voltage compatibility values for each of these voltages.
There are eight I/O banks (two per side).
Every I/O bank is divided into minibanks. Any user I/O in a VREF minibank (a minibank is the region
of scope of a VREF pin) can be configured as a VREF pin (Figure 2). Only one VREF pin is needed to
control the entire VREF minibank. The location and scope of the VREF minibanks can be determined
by the I/O name. For details, see the user I/O naming conventions for "IGLOOe and ProASIC3E" on
page 33. Table 5 on page 5 shows the I/O standards supported by IGLOOe and ProASIC3E devices,
and the corresponding voltage levels.
I/O standards are compatible if they comply with the following:
•
Their VCCI and VMV values are identical.
•
Both of the standards need a VREF, and their VREF values are identical.
•
All inputs and disabled outputs are voltage tolerant up to 3.3 V.
For more information about I/O and global assignments to I/O banks in a device, refer to the
specific pin table for the device in the packaging section of the datasheet, and see the user I/O
naming conventions for "IGLOOe and ProASIC3E" on page 33.
Figure 2 • Typical IGLOOe and ProASIC3E I/O Bank Detail Showing VREF Minibanks
Any I/O in a V
REF
minibank can be used to
provide the reference
voltage to the common
V
REF signal for the VREF
minibank.
Common V
REF
signal for all I/Os
in V
REF minibanks
Up to five V
REF
minibanks within
an I/O bankF
V
REF signal scope is
between 8 and 18 I/Os.
I/O Pad
V
CCI
V
CC
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
V
CCI
V
CC
GND
JTAG
CCC/PLL
“C”
CCC/PLL
“B”
CCC/PLL
“D”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com