Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 5 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 5 Page - Actel Corporation

  PROASIC3E Datasheet HTML 1Page - Actel Corporation PROASIC3E Datasheet HTML 2Page - Actel Corporation PROASIC3E Datasheet HTML 3Page - Actel Corporation PROASIC3E Datasheet HTML 4Page - Actel Corporation PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
5
Table 3 • VCCI Voltages and Compatible IGLOOe and ProASIC3E Standards
VCCI and VMV (typical)
Compatible Standards
3.3 V
LVTTL/LVCMOS 3.3, PCI 3.3, SSTL3 (Class I and II), GTL+ 3.3, GTL 3.3, LVPECL
2.5 V
LVCMOS 2.5, LVCMOS 2.5/5.0, SSTL2 (Class I and II), GTL+ 2.5, GTL 2.5, LVDS, DDR
LVDS, B-LVDS, and M-LVDS
1.8 V
LVCMOS 1.8
1.5 V
LVCMOS 1.5, HSTL (Class I and II)
Table 4 • VREF Voltages and Compatible IGLOOe and ProASIC3E Standards
VREF (typical)
Compatible Standards
1.5 V
SSTL3 (Class I and II)
1.25 V
SSTL2 (Class I and II)
1.0 V
GTL+ 2.5, GTL+ 3.3
0.8 V
GTL 2.5, GTL 3.3
0.75 V
HSTL (Class I and II)
Table 5 • Legal IGLOOe and ProASIC3E I/O Usage Matrix within the Same Bank
3.3 V
–
0.80 V
1.00 V
1.50 V
2.5 V
–
0.80 V
1.00 V
1.25 V
1.8 V
–
1.5 V
–
0.75 V
Note: White box: Allowable I/O standard combination
Gray box: Illegal I/O standard combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com