Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 12 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 12 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation PROASIC3E Datasheet HTML 14Page - Actel Corporation PROASIC3E Datasheet HTML 15Page - Actel Corporation PROASIC3E Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
I/O Structures in IGLOOe and ProASIC3E Devices
12
v1.4
3.3 V PCI-X (Peripheral Component Interface Extended)
An enhanced version of the PCI specification, 3.3 V PCI-X can support higher average bandwidths;
it increases the speed that data can move within a computer from 66 MHz to 133 MHz. It is
backward-compatible, which means devices can operate at conventional PCI frequencies (33 MHz
and 66 MHz). PCI-X is more fault-tolerant than PCI. It also does not have programmable drive
strength.
Voltage-Referenced Standards
I/Os using these standards are referenced to an external reference voltage (VREF) and are supported
on E devices only.
HSTL Class I and II (High-Speed Transceiver Logic)
These are general-purpose, high-speed 1.5 V bus standards (EIA/JESD 8-6) for signaling between
integrated circuits. The signaling range is 0 V to 1.5 V, and signals can be either single-ended or
differential. HSTL requires a differential amplifier input buffer and a push-pull output buffer. The
reference voltage (VREF) is 0.75 V. These standards are used in the memory bus interface with data
switching capability of up to 400 MHz. The other advantages of these standards are low power and
fewer EMI concerns.
HSTL has four classes, of which low-power flash devices support Class I and II. These classes are
defined by standard EIA/JESD 8-6 from the Electronic Industries Alliance (EIA):
•
Class I – Unterminated or symmetrically parallel-terminated
•
Class II – Series-terminated
•
Class III – Asymmetrically parallel-terminated
•
Class IV – Asymmetrically double-parallel-terminated
SSTL2 Class I and II (Stub Series Terminated Logic 2.5 V)
These are general-purpose 2.5 V memory bus standards (JESD 8-9) for driving transmission lines,
designed specifically for driving the DDR SDRAM modules used in computer memory. SSTL2
requires a differential amplifier input buffer and a push-pull output buffer. The reference voltage
(VREF) is 1.25 V.
SSTL3 Class I and II (Stub Series Terminated Logic 3.3 V)
These are general-purpose 3.3 V memory bus standards (JESD 8-8) for driving transmission lines.
SSTL3 requires a differential amplifier input buffer and a push-pull output buffer. The reference
voltage (VREF) is 1.5 V.
Figure 7 • SSTL and HSTL Topology
OUT
GND
IN
GND
VREF
VREF
VCCI
VCCI
Device 1
Device 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com