Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROASIC3E Datasheet(PDF) 9 Page - Actel Corporation

Part # PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Datasheet(HTML) 9 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 5Page - Actel Corporation PROASIC3E Datasheet HTML 6Page - Actel Corporation PROASIC3E Datasheet HTML 7Page - Actel Corporation PROASIC3E Datasheet HTML 8Page - Actel Corporation PROASIC3E Datasheet HTML 9Page - Actel Corporation PROASIC3E Datasheet HTML 10Page - Actel Corporation PROASIC3E Datasheet HTML 11Page - Actel Corporation PROASIC3E Datasheet HTML 12Page - Actel Corporation PROASIC3E Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
9
I/O Bank Structure
Low-power flash device I/Os are divided into multiple technology banks. The number of banks is
device-dependent. The IGLOOe, ProASIC3EL, and ProASIC3E devices have eight banks (two per
side); and IGLOO, ProASIC3L, and ProASIC3 devices have two to four banks. Each bank has its own
VCCI power supply pin. Multiple I/O standards can co-exist within a single I/O bank.
In IGLOOe, ProASIC3EL, and ProASIC3E devices, each I/O bank is subdivided into VREF minibanks.
These are used by voltage-referenced I/Os. VREF minibanks contain 8 to 18 I/Os. All I/Os in a given
minibank share a common VREF line (only one VREF pin is needed per VREF minibank). Therefore, if
an I/O in a VREF minibank is configured as a VREF pin, the remaining I/Os in that minibank will be
able to use the voltage assigned to that pin. If the location of the VREF pin is selected manually in
the software, the user must satisfy VREF rules (refer to I/O Software Control in Low-Power Flash
Devices). If the user does not pick the VREF pin manually, the software automatically assigns it.
Figure 4 is a snapshot of a section of the I/O ring, showing the basic elements of an I/O tile, as
viewed from the Designer place-and-route tool’s MultiView Navigator (MVN).
Low-power flash device I/Os are implemented using two tile types: I/O and differential I/O (diffio).
The diffio tile is built up using two I/O tiles, which form an I/O pair (P side and N side). These I/O
pairs are used according to differential I/O standards. Both the P and N sides of the diffio tile
include an I/O buffer and two I/O logic blocks (auxiliary and main logic).
Every minibank (E devices only) is built up from multiple diffio tiles. The number of the minibank
depends on the different-size dies. Refer to the "Pro I/Os—IGLOOe, ProASIC3EL, and ProASIC3E"
section on page 3 for an illustration of the minibank structure.
Figure 5 on page 10 shows a simplified diagram of the I/O buffer circuitry. The Output Enable signal
(OE) enables the output buffer to pass the signal from the core logic to the pin. The output buffer
contains ESD protection circuitry, an n-channel transistor that shunts all ESD surges (up to the limit
of the device ESD specification) to GND. This transistor also serves as an output pull-down resistor.
Each output buffer also contains programmable slew rate, drive strength, programmable power-up
state (pull-up/-down resistor), hot-swap, 5 V tolerance, and clamp diode control circuitry. Multiple
flash switches (not shown in Figure 5 on page 10) are programmed by user selections in the
software to activate different I/O features.
Figure 4 • Snapshot of an I/O Tile
I/O Pad/Buffer I/O Logic (assigned)
N Side
(assigned)
P Side
(unassigned)
Diffio Tile
Minibank
Other
Minibanks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com