Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 17Page - Microchip Technology MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 21
MCP4728
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Analog Output Voltage Pins (V
OUTA,
V
OUTB, V
OUTC, VOUTD)
The device has four analog voltage output (VOUT) pins.
Each output is driven by its own output buffer with a
gain of 1 or 2 depending on the gain and VREF selection
bit settings. In normal mode, the DC impedance of the
output pin is about 1
Ω. In Power-Down mode, the
output pin is internally connected to 1 k
Ω, 100 kΩ, or
500 k
Ω, depending on the Power-Down selection bit
settings.
The VOUT pin can drive up to 1000 pF of capacitive
load. It is recommended to use a load with RL greater
than 5 k
Ω.
3.2
Supply Voltage Pins (V
DD, VSS)
VDD is the power supply pin for the device. The voltage
at the VDD pin is used as the power supply input as well
as the DAC external reference. The power supply at
the VDD pin should be as clean as possible for a good
DAC performance.
It is recommended to use an appropriate bypass
capacitor of about 0.1 µF (ceramic) to ground. An
additional 10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate high frequency
noise present in application boards. The supply voltage
(VDD) must be maintained in the 2.7V to 5.5V range for
specified operation.
VSS is the ground pin and the current return path of the
device. The user must connect the VSS pin to a ground
plane through a low impedance connection. If an
analog ground path is available in the application PCB
(printed circuit board), it is highly recommended that
the VSS pin be tied to the analog ground path or
isolated within an analog ground plane of the circuit
board.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Name
Pin Type
Function
1
VDD
P
Supply Voltage
2SCL
OI
I2C Serial Clock Input.
(Note 1)
3
SDA
OI/OO
I2C Serial Data Input and Output.
(Note 1)
4LDAC
ST
This pin is used for two purposes:
(a) Synchronization Input. It is used to transfer the contents of the DAC input
registers to the output registers (VOUT).
(b) Select the device for reading and writing I2C address bits.
(Note 2)
5
RDY/BSY
OO
This pin is a status indicator of EEPROM programming activity. An external pull-up
resistor (about 100 k
Ω) is needed from RDY/BSY pin to V
DD line. (Note 1)
6VOUT A
AO
Buffered analog voltage output of channel A. The output amplifier has rail-to-rail
operation.
7VOUT B
AO
Buffered analog voltage output of channel B. The output amplifier has rail-to-rail
operation.
8VOUT C
AO
Buffered analog voltage output of channel C. The output amplifier has rail-to-rail
operation.
9VOUT D
AO
Buffered analog voltage output of channel D. The output amplifier has rail-to-rail
operation.
10
VSS
P
Ground reference.
Legend: P = Power, OI = Open-Drain Input, OO = Open-Drain Output, ST = Schmitt Trigger Input Buffer,
AO = Analog Output
Note 1: This pin needs an external pull-up resistor from V
DD line. Leave this pin float if it is not used.
2: This pin can be driven by MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com