Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 40Page - Microchip Technology MCP4728 Datasheet HTML 41Page - Microchip Technology MCP4728 Datasheet HTML 42Page - Microchip Technology MCP4728 Datasheet HTML 43Page - Microchip Technology MCP4728 Datasheet HTML 44Page - Microchip Technology MCP4728 Datasheet HTML 45Page - Microchip Technology MCP4728 Datasheet HTML 46Page - Microchip Technology MCP4728 Datasheet HTML 47Page - Microchip Technology MCP4728 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
MCP4728
DS22187C-page 44
© 2009 Microchip Technology Inc.
FIGURE 5-14:
Write Command: Write Gain Selection Bit (GX) to the DAC Input Registers.
Start
1st Byte
(C2 C1 C0)
2nd Byte
Stop
S
1100
A2
A1
A0
0
A1
1
0
X
GX AGX BGX CGX D A
P
Note 1: GX A = Gain Selection for Channel A
GX B = Gain Selection for Channel B
GX C = Gain Selection for Channel C
GX D = Gain Selection for Channel D
Ex: GX A = 0: Gain of 1 for Channel A
= 1: Gain of 2 for Channel A
2: X is don’t care bit.
ACK
(MCP4728)
R/W
Device Addressing
Write Command
Command Type Bits:
C2=1
C1=1
C0=0
Registers and VOUT are updated
at this falling edge of ACK pulse.
Note 1
for Gain Selection Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com