Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology MCP4728 Datasheet HTML 14Page - Microchip Technology MCP4728 Datasheet HTML 15Page - Microchip Technology MCP4728 Datasheet HTML 16Page - Microchip Technology MCP4728 Datasheet HTML 17Page - Microchip Technology MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 15
MCP4728
Note: Unless otherwise indicated, T
A = -40°C to +125°C, VDD = +5.0V, VSS = 0V, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-25:
Full Scale Settling Time
(VREF = VDD, VDD = 5V, UDAC = 1,
Code Change: 000h to FFFh).
FIGURE 2-26:
Half Scale Settling Time
(VREF = VDD, VDD = 5V, UDAC = 1,
Code Change: 000h to 7FFh).
FIGURE 2-27:
Full Scale Settling Time
(VREF = Internal, VDD = 5V, UDAC = 1,
Gain = x1, Code Change: 000h to FFFh).
FIGURE 2-28:
Full Scale Settling Time
(VREF = VDD, VDD = 5V, UDAC = 1,
Code Change: FFFh to 000h ).
FIGURE 2-29:
Half Scale Settling Time
(VREF = VDD, VDD = 5V, UDAC = 1,
Code Change: 7FFh to 000h).
FIGURE 2-30:
Full Scale Settling Time
(VREF = Internal, VDD = 5V, UDAC = 1,
Gain = x1, Code Change: FFFh to 000h).
VOUT (2V/Div)
Time (2 µs/Div)
LDAC
VOUT (2V/Div)
LDAC
Time (2 µs/Div)
VOUT (2V/Div)
Time (2 µs/Div)
LDAC
Time (2 µs/Div)
VOUT (2V/Div)
LDAC
Time (2 µs/Div)
VOUT (2V/Div)
LDAC
VOUT (2V/Div)
Time (2 µs/Div)
LDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com