Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
MCP4728
DS22187C-page 22
© 2009 Microchip Technology Inc.
3.3
Serial Data Pin (SDA)
SDA is the serial data pin of the I2C interface. The SDA
pin is used to write or read the DAC register and
EEPROM data. Except for start and stop conditions,
the data on the SDA pin must be stable during the high
duration of the clock pulse. The High or Low state of the
SDA pin can only change when the clock signal on the
SCL pin is Low.
The SDA pin is an open-drain N-channel driver.
Therefore, it needs a pull-up resistor from the VDD line
to the SDA pin.
Refer
to
Section 5.0
“I2C
Serial
Interface
Communications” for more details on the I2C Serial
Interface communication.
3.4
Serial Clock Pin (SCL)
SCL is the serial clock pin of the I2C interface. The
MCP4728 device acts only as a slave and the SCL pin
accepts only external input serial clocks. The input data
from the Master device is shifted into the SDA pin on
the rising edges of the SCL clock and output from the
MCP4728 occurs at the falling edges of the SCL clock.
The SCL pin is an open-drain N-channel driver.
Therefore, it needs a pull-up resistor from the VDD line
to the SCL pin.
Refer
to
Section 5.0
“I2C
Serial
Interface
Communications” for more details on I2C Serial
Interface communication.
Typical range of the pull-up resistor value for SCL and
SDA is from 5 k
Ω to 10 kΩ for standard (100 kHz) and
fast (400 kHz) modes, and less than 1 k
Ω for high
speed mode (3.4 MHz).
3.5
LDAC Pin
This pin can be driven by an external control device
such as an MCU I/O pin. This pin is used (a) to transfer
the
contents
of
the
input
registers
to
their
corresponding DAC output registers and (b) to select a
device of interest when reading or writing I2C address
bits. See
Section 5.4.4 “General call Read Address
Bits” and Section 5.6.8 “Write Command: Write I2C
Address bits (C2=0, C1=1, C0=1)” for more details on
the reading and writing the device I2C address bits,
respectively.
When the logic status of the LDAC pin changes from
“High” to “Low”, the contents of all input registers
(Channels A - D) are transferred to their corresponding
output registers and all analog voltage outputs are
updated simultaneously.
If this pin is permanently tied to “Low”, the content of
the input register is transferred to its output register
(VOUT) immediately at the last input data byte’s
acknowledge pulse.
The user can also use the UDAC bit instead. However,
the UDAC bit updates a selected channel only. See
Section 4.8 “Output Voltage Update” for more
information on the LDAC pin and UDAC bit functions.
3.6
RDY/BSY Status Indicator Pin
This pin is a status indicator of EEPROM programming
activity. This pin is “High” when the EEPROM has no
programming activity and “Low” when the EEPROM is
in programming mode. It goes “High” when the
EEPROM program is completed.
The RDY/BSY pin is an open-drain N-channel driver.
Therefore, it needs a pull-up resistor (about 100 k
Ω)
from the VDD line to the RDY/BSY pin. Leave this pin
float if it is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com