Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology MCP4728 Datasheet HTML 57Page - Microchip Technology MCP4728 Datasheet HTML 58Page - Microchip Technology MCP4728 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 55
MCP4728
FIGURE 7-4:
Sequential Write Command for Setting Test Points in Figure 7-3.
Expected Output Voltage at Each Channel:
V
OUT AVDD
D
n
4096
------------
V
DD
2048
4096
------------
V
DD
2
-----------
=
×
=
×
V
()
=
V
OUT BVDD
D
n
4096
------------
V
DD
4095
4096
------------
V
DD
LSB
–
()
V
()
=
×
=
×
=
V
OUT CVREF
D
n
4096
------------ G
x
2.048
2048
4096
------------
× 2
2.048
V
()
=
×
=
×
=
V
OUT DVREF
D
n
4096
------------ G
x
2.048
4095
4096
------------
× 24.096
V
()
=
×
=
×
=
S 11000000 A 0101000
0 A 00001000 A 00000000 A
1st Byte
Channel A as
Selecting
Sequential Write
Command
Device Addressing
Dn = 211 = 2048
UDAC VREF
ACK
(MCP4728)
GX
R/W
Update DAC A Input Register at this ACK pulse.
Starting Channel
0000111
1 A 11111111 A
ACK
(MCP4728)
VREF
GX
Dn = 4095
10011000 A 00000000 A
ACK
(MCP4728)
VREF
GX
Dn = 2048
Update DAC B Input Register at this ACK pulse.
Update DAC C Input Register at this ACK pulse.
10011111 A 11111111 A P
ACK
(MCP4728)
VREF
GX
Dn = 4095
Update DAC D Input Register at this ACK pulse.
Stop
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com