Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 1 Page - Microchip Technology

  MCP4728 Datasheet HTML 1Page - Microchip Technology MCP4728 Datasheet HTML 2Page - Microchip Technology MCP4728 Datasheet HTML 3Page - Microchip Technology MCP4728 Datasheet HTML 4Page - Microchip Technology MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 1
MCP4728
Features
• 12-Bit Voltage Output DAC with 4 Buffered
Outputs
• On-Board Non-Volatile Memory (EEPROM) for
DAC Codes and I2CTM Address Bits
• Internal or External Voltage Reference Selection
• Output Voltage Range:
- Using Internal VREF (2.048V):
0.000V to 2.048V with Gain Setting = 1
0.000V to 4.096V with Gain Setting = 2
- Using External VREF (VDD): 0.000V to VDD
• ±0.2 LSB DNL (typical)
• Fast Settling Time: 6 µs (typical)
• Normal or Power-Down Mode
• Low Power Consumption
• Single-Supply Operation: 2.7V to 5.5V
•I2C Interface:
- Address bits: User Programmable to
EEPROM
- Standard (100 kbps), Fast (400 kbps) and
High Speed (3.4 Mbps) Modes
• 10-Lead MSOP Package
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Adjustment
• Sensor Calibration
• Closed-Loop Servo Control
• Low Power Portable Instrumentation
• PC Peripherals
• Programmable Voltage and Current Source
• Industrial Process Control
• Instrumentation
Description
The MCP4728 device is a quad, 12-bit voltage output
Digital-to-Analog Convertor (DAC) with non-volatile
memory (EEPROM). Its on-board precision output
amplifier allows it to achieve rail-to-rail analog output
swing.
The DAC input codes, device configuration bits, and
I2C address bits are programmable to the non-volatile
memory (EEPROM) by using I2C serial interface
commands. The non-volatile memory feature enables
the DAC device to hold the DAC input codes during
power-off time, allowing the DAC outputs to be
available immediately after power-up with the saved
settings. This feature is very useful when the DAC
device is used as a supporting device for other devices
in applications network.
The MCP4728 device has a high precision internal
voltage reference (VREF = 2.048V). The user can select
the internal reference or external reference (VDD) for
each channel individually.
Each channel can be operated in normal mode or
power-down
mode
individually
by
setting
the
configuration register bits. In power-down mode, most
of the internal circuits in the powered down channel are
turned off for power-savings and the output amplifier
can be configured to present a known low, medium, or
high resistance output load.
The MCP4728 device includes a Power-On-Reset
(POR) circuit to ensure reliable power-up and an
on-board charge pump for the EEPROM programming
voltage.
The MCP4728 has a two-wire I2C compatible serial
interface for standard (100 kHz), fast (400 kHz), or high
speed (3.4 MHz) mode.
The MCP4728 DAC is an ideal device for applications
requiring design simplicity with high precision, and for
applications requiring the DAC device settings to be
saved during power-off time.
The MCP4728 device is available in a 10-lead MSOP
package and operates from a single 2.7V to 5.5V
supply voltage.
12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory


Similar Part No. - MCP4728

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4728 MICROCHIP-MCP4728 Datasheet
801Kb / 50P
Evaluation Board User’s Guide
MCP4728EV MICROCHIP-MCP4728EV Datasheet
801Kb / 50P
Evaluation Board User’s Guide
More results

Similar Description - MCP4728

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
MCP4725 MICROCHIP-MCP4725_09 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725_V01 Datasheet
2Mb / 56P
12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com