Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 25
MCP4728
TABLE 4-3:
CONFIGURATION BITS
Bit Name
Functions
RDY/BSY
This is a status indicator (flag) of EEPROM programming activity:
1
= EEPROM is not in programming mode
0
= EEPROM is in programming mode
Note: RDY/BSY status can also be monitored at the RDY/BSY pin.
(A2, A1, A0)
Device I2C address bits. See
Section 5.3 “MCP4728 Device Addressing” for more details.
VREF
Voltage Reference Selection bit:
0
= V
DD
1
= Internal voltage reference (2.048V)
Note: Internal voltage reference circuit is turned off if all channels select external reference
(VREF = VDD).
DAC1, DAC0
DAC Channel Selection bits:
00
= Channel A
01
= Channel B
10
= Channel C
11
= Channel D
PD1, PD0
Power-Down selection bits:
00
= Normal Mode
01
= V
OUT is loaded with 1 kΩ resistor to ground. Most of the channel circuits are powered off.
10
= V
OUT is loaded with 100 kΩ resistor to ground. Most of the channel circuits are powered
off.
11
= V
OUT is loaded with 500 kΩ resistor to ground. Most of the channel circuits are powered
off.
Note: See Table 4-7 and Figure 4-1 for more details.
GX
Gain selection bit:
0
= x1 (gain of 1)
1
= x2 (gain of 2)
Note: Applicable only when internal V
REF is selected. If VREF = VDD, the device uses a gain of
1 regardless of the gain selection bit setting.
UDAC
DAC latch bit. Upload the selected DAC input register to its output register (VOUT):
0
= Upload. Output (V
OUT) is updated.
1
= Do not upload.
Note: UDAC bit affects the selected channel only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com