Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 4Page - Microchip Technology MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MCP4728
DS22187C-page 8
© 2009 Microchip Technology Inc.
I2C SERIAL TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for T
A = -40 to +125°C, VSS = 0V,
Standard and Fast Mode: VDD = +2.7V to +5.5V
High Speed Mode: VDD = +4.5V to +5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Clock Frequency
fSCL
0
—
100
kHz
Standard Mode
Cb = 400 pF, 2.7V - 5.5V
0
—
400
kHz
Fast Mode
Cb = 400 pF, 2.7V - 5.5V
0
—
1.7
MHz
High Speed Mode 1.7
Cb = 400 pF, 4.5V - 5.5V
0
—
3.4
MHz
High Speed Mode 3.4
Cb = 100 pF, 4.5V - 5.5V
Bus Capacitive Loading
Cb
—
—
400
pF
Standard Mode
2.7V - 5.5V
—
—
400
pF
Fast Mode
2.7V - 5.5V
—
—
400
pF
High Speed Mode 1.7
4.5V - 5.5V
—
—
100
pF
High Speed Mode 3.4
4.5V - 5.5V
Start Condition Setup Time
(Start, Repeated Start)
TSU:STA
4700
—
ns
Standard Mode
600
—
—
ns
Fast Mode
160
—
—
ns
High Speed Mode 1.7
160
—
—
ns
High Speed Mode 3.4
Start Condition Hold Time
THD:STA
4000
—
ns
Standard Mode
600
—
—
ns
Fast Mode
160
—
—
ns
High Speed Mode 1.7
160
—
—
ns
High Speed Mode 3.4
Stop Condition Setup Time
TSU:STO
4000
—
ns
Standard Mode
600
—
—
ns
Fast Mode
160
—
—
ns
High Speed Mode 1.7
160
—
—
ns
High Speed Mode 3.4
Clock High Time
THIGH
4000
—
—
ns
Standard Mode
600
—
—
ns
Fast Mode
120
—
—
ns
High Speed Mode 1.7
60
—
—
ns
High Speed Mode 3.4
Clock Low Time
TLOW
4700
—
—
ns
Standard Mode
1300
—
—
ns
Fast Mode
320
—
—
ns
High Speed Mode 1.7
160
—
—
ns
High Speed Mode 3.4
Note 1:
This parameter is ensured by characterization and is not 100% tested.
2:
After a Repeated Start condition or an Acknowledge bit.
3:
If this parameter is too short, it can create an unintentional Start or Stop condition to other devices on the I2C bus line. If
this parameter is too long, the Data Input Setup (TSU:DAT) or Clock Low time (TLOW) can be affected.
Data Input: This parameter must be longer than t
SP.
Data Output: This parameter is characterized, and tested indirectly by testing T
AA parameter.
4:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TFSDA (OR TRSDA).
5:
Time between Start and Stop conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com