Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology MCP4728 Datasheet HTML 38Page - Microchip Technology MCP4728 Datasheet HTML 39Page - Microchip Technology MCP4728 Datasheet HTML 40Page - Microchip Technology MCP4728 Datasheet HTML 41Page - Microchip Technology MCP4728 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
MCP4728
DS22187C-page 38
© 2009 Microchip Technology Inc.
FIGURE 5-7:
Fast Write Command: Write DAC Input Registers Sequentially from Channel A to D.
1st byte
DAC Input Register of Channel A
2nd Byte
R/W
Device Addressing
ACK
(MCP4728)
(C2 C1)
3rd Byte
Update Channel A DAC Input Register at this ACK pulse.
Repeat Bytes
Start
Stop
Fast Write
Note 1: X is a don’t care bit. V
OUT can be updated after the last byte’s ACK pulse is issued and
by bringing down the LDAC pin to “Low”.
2nd Byte
ACK
(MCP4728)
3rd Byte
Update Channel B DAC Input Register at this ACK pulse.
DAC Input Register of Channel B
S
1
1
0
0
A2A1A0
0
A
0
0
PD1 PD0 D11 D10 D9 D8
A
D7D6D5 D4 D3D2D1 D0
A
Command Type Bits:
C2=0
C1=0
C0=X
Command
X
X PD1 PD0 D11 D10 D9 D8
A
D7D6D5D4D3D2D1D0
A
2nd Byte
ACK
(MCP4728)
3rd Byte
Update Channel C DAC Input Register at this ACK pulse.
DAC Input Register of Channel C
X
X PD1 PD0 D11 D10 D9 D8
A
D7 D6D5D4 D3 D2D1D0
A
2nd Byte
ACK
(MCP4728)
3rd Byte
Update Channel D DAC Input Register at this ACK pulse.
DAC Input Register of Channel D
X
X PD1 PD0 D11 D10 D9 D8
A
D7D6 D5 D4D3D2 D1 D0
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com