Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
MCP4728
DS22187C-page 24
© 2009 Microchip Technology Inc.
4.4
DAC Input Registers and
Non-Volatile EEPROM Memory
Each channel has its own volatile DAC input register
and EEPROM. The details of the input registers and
EEPROM are shown in Table 4-1 and Table 4-2,
respectively.
TABLE 4-1:
INPUT REGISTER MAP (VOLATILE)
Configuration Bits
DAC Input Data (12 bits)
Bit
Name
RDY
/BSY
A2 A1 A0
VREF
DAC1 DAC0 PD1
PD0
GX
D11 D10 D9 D8 D7 D6 D5
D4 D3 D2 D1 D0
Bit
Function
(Note 1)
I2C
Address Bits
(Note 2)
Ref.
Select
(Note 2)
DAC Channel
(Note 2)
Power-Down
Select
(Note 2)
Gain
Select
(Note 2)
(Note 2)
CH. A
CH. B
CH. C
CH. D
Note 1: EEPROM write status indication bit (flag).
2: Loaded from EEPROM during power-up, or can be updated by the user.
TABLE 4-2:
EEPROM MEMORY MAP AND FACTORY DEFAULT SETTINGS
Configuration Bits
DAC Input Data (12 bits)
Bit Name
A2
A1
A0
VREF
PD1
PD0
GX
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bit
Function
I2C Address Bits
(Note 1)
Ref.
Select
(Note 2)
Power-Down
Select
Gain
Select
(Note 3)
CH. A
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
000
CH. B
1
0
0
0
0
0
0
0
0
0
0
0
0
000
CH. C
1
0
0
0
0
0
0
0
0
0
0
0
0
000
CH. D
1
0
0
0
0
0
0
0
0
0
0
0
0
000
Note 1: Device I2C address bits. The user can also specify these bits during the device ordering process. The
factory default setting is “000”. These bits can be reprogrammed by the user using the I2C Address Write
command.
2:
Voltage Reference Select:
0 = External V
REF (VDD), 1 = Internal VREF (2.048V).
3:
Gain Select:
0 = Gain of 1, 1 = Gain of 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com