Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 4 Page - Microchip Technology

  MCP4728 Datasheet HTML 1Page - Microchip Technology MCP4728 Datasheet HTML 2Page - Microchip Technology MCP4728 Datasheet HTML 3Page - Microchip Technology MCP4728 Datasheet HTML 4Page - Microchip Technology MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
MCP4728
DS22187C-page 4
© 2009 Microchip Technology Inc.
Power-On-Reset
Threshold Voltage
VPOR
—
2.2
—
V
All circuits including EEPROM are
ready to operate.
Power-Up Ramp Rate
VRAMP
1—
—
V/s
Note 2, Note 4
DC Accuracy
Resolution
n
12
—
—
Bits
Code Change: 000h to FFFh
INL Error
INL
—
±2
±13
LSB
(Note 5)
DNL Error
DNL
-0.75
±0.2
±0.75
LSB
(Note 5)
Offset Error
VOS
—
0.02
0.75
% of
FSR
Code = 000h
Offset Error Drift
ΔV
OS/°C
—
±0.16
—
ppm/°C -45°C to 25°C
—
±0.44
—
ppm/°C +25°C to +125°C
Gain Error
GE
-3
-0.1
3
% of
FSR
VREF = Internal, Gain = x1
Code = FFFh,
Offset error is not included.
-3
-0.1
3
% of
FSR
VREF = Internal, Gain = x2
Code = FFFh,
Offset error is not included.
-2
-0.1
2
% of
FSR
VREF = VDD
Code = FFFh,
Offset error is not included.
Gain Error Drift
ΔG
E/°C
—
-3
—
ppm/°C
Internal Voltage Reference (VREF), (Note 3)
Internal Voltage Reference
VREF
2.007
2.048
2.089
V
Temperature Coefficient
ΔV
REF/°C
—
—
125
0.25
—
—
ppm/°C
LSB/°C
-40 to 0°C
-40 to 0°C
—
—
45
0.09
—
—
ppm/°C
LSB/°C
0 to +125°C
0 to +125°C
Reference Output Noise
ENREF
—
290
—
µVp-p
Code = FFFh,
0.1 - 10 Hz, Gx=1
Output Noise Density
eNREF
—
1.2
—
Code = FFFh, 1 kHz, Gx=1
—
1.0
—
Code = FFFh, 10 kHz, Gx=1
1/f Corner Frequency
fCORNER
—
400
—
Hz
Analog Output (Output Amplifier)
Output Voltage Swing
VOUT
—
FSR
—
V
(Note 7)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at V
DD = + 2.7V to 5.5V, VSS = 0V,
RL = 5 kΩ, CL = 100 pF, GX = 1, TA = -40°C to +125°C. Typical values are at +25°C, VIH = VDD, VIL = VSS.
Parameter
Symbol
Min
Typical
Max
Units
Conditions
Note 1: All digital input pins (SDA, SCL, LDAC) are tied to “High”, Output pins are unloaded, code = 0x000.
2: The power-up ramp rate measures the rise of V
DD over time.
3: This parameter is ensured by design and not 100% tested.
4: This parameter is ensured by characterization and not 100% tested.
5: Test code range: 100 - 4000 codes, V
REF = VDD, VDD = 5.5V.
6: Time delay to settle to a new reference when switching from external to internal reference or vice versa.
7: This parameter is indirectly tested by Offset and Gain error testing.
8: Within 1/2 LSB of the final value when code changes from 1/4 of to 3/4 of full scale.
9: This time delay is measured from the falling edge of ACK pulse in I2C command to the beginning of V
OUT.
This time delay is not included in the output settling time specification.
HZ
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com