Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 49Page - Microchip Technology MCP4728 Datasheet HTML 50Page - Microchip Technology MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology MCP4728 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 53
MCP4728
7.6
Application Examples
The MCP4728 device is a rail-to-rail output DAC
designed to operate with a VDD range of 2.7V to 5.5V.
Its output amplifier of each channel is robust enough to
drive
common,
small-signal
loads
directly,
thus
eliminating the cost and size of external buffers for
most applications. Since each channel has its own
configuration bits for selecting the voltage reference,
gain, power-down, etc., the MCP4728 device offers
great simplicity and flexibility to use for various DAC
applications.
7.6.1
DC SET POINT OR CALIBRATION
VOLTAGE SETTINGS
A common application for the MCP4728 device is a
digitally-controlled set point or a calibration of variable
parameters such as sensor offset or bias point.
Figure 7-3 shows an example of the set point settings.
Let us consider that the application requires different
trip voltages (Trip 1 - Trip 4). Assuming the DAC output
voltage requirements are given as shown in Table 7-1,
examples of sending the Sequential Write and Fast
Write commands are shown in Figure 7-4 and
Figure 7-5.
TABLE 7-1:
EXAMPLE: SETTING VOUT OF
EACH CHANNEL
DAC Channel
Voltage
Reference
DAC Output
(VOUT)
VOUT A
VDD
VDD/2
VOUT B
VDD
VDD - 1 LSB
VOUT C
Internal
2.048V
VOUT D
Internal
4.096V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com