Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 5 Page - Microchip Technology

  MCP4728 Datasheet HTML 1Page - Microchip Technology MCP4728 Datasheet HTML 2Page - Microchip Technology MCP4728 Datasheet HTML 3Page - Microchip Technology MCP4728 Datasheet HTML 4Page - Microchip Technology MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 5
MCP4728
Full Scale Range
(Note 7)
FSR
—
VDD
—V
VREF = VDD
FSR = from 0.0V to VDD
—VREF
—V
VREF = Internal, Gx =1,
FSR = from 0.0 V to VREF
—2 * VREF
—V
VREF = Internal, Gx =2,
FSR = from 0.0V to 2*VREF
Output Voltage Settling
Time
TSETTLING
—6
—
µs
(Note 8)
Analog Output Time Delay
from Power-Down Mode
TdExPD
—4.5
—
µs
VDD = 5V, (Note 4), (Note 9)
Time delay to settle to new
reference
(Note 4)
TdREF
—
26
—
µs
From External to Internal
Reference
—
44
—
µs
From Internal to External
Reference
Power Supply Rejection
PSRR
—
-57
—
dB
VDD = 5V± 10%, VREF = Internal
Capacitive Load Stability
CL
—
—
1000
pF
RL = 5 kΩ, No Oscillation, (Note 4)
Slew Rate
SR
—
0.55
—
V/µs
Phase Margin
pM
—
66
—
Degree
(°)
CL = 400 pF, RL = ∞
Short Circuit Current
ISC
—15
24
mA
VDD = 5V,
All VOUT Pins = Grounded.
Tested at room temperature.
Short Circuit Current
Duration
TSC_DUR
—
Infinite
—
hours
(Note 4)
DC Output Impedance
(Note 4)
ROUT
—1
—
Ω
Normal mode
—1
—
k
Ω
Power-Down Mode 1
(PD1:PD0 = 0:1), VOUT to VSS
—100
—
k
Ω
Power-Down Mode 2
(PD1:PD0 = 1:0), VOUT to VSS
—500
—
k
Ω
Power-Down Mode 3
(PD1:PD0 = 1:1), VOUT to VSS
Dynamic Performance (Note 4)
Major Code Transition
Glitch
—
45
—
nV-s
1 LSB code change around major
carry (from 7FFh to 800h)
Digital Feedthrough
—
<10
—
nV-s
Analog Crosstalk
—
<10
—
nV-s
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at V
DD = + 2.7V to 5.5V, VSS = 0V,
RL = 5 kΩ, CL = 100 pF, GX = 1, TA = -40°C to +125°C. Typical values are at +25°C, VIH = VDD, VIL = VSS.
Parameter
Symbol
Min
Typical
Max
Units
Conditions
Note 1: All digital input pins (SDA, SCL, LDAC) are tied to “High”, Output pins are unloaded, code = 0x000.
2: The power-up ramp rate measures the rise of V
DD over time.
3: This parameter is ensured by design and not 100% tested.
4: This parameter is ensured by characterization and not 100% tested.
5: Test code range: 100 - 4000 codes, V
REF = VDD, VDD = 5.5V.
6: Time delay to settle to a new reference when switching from external to internal reference or vice versa.
7: This parameter is indirectly tested by Offset and Gain error testing.
8: Within 1/2 LSB of the final value when code changes from 1/4 of to 3/4 of full scale.
9: This time delay is measured from the falling edge of ACK pulse in I2C command to the beginning of V
OUT.
This time delay is not included in the output settling time specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com