Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology MCP4728 Datasheet HTML 14Page - Microchip Technology MCP4728 Datasheet HTML 15Page - Microchip Technology MCP4728 Datasheet HTML 16Page - Microchip Technology MCP4728 Datasheet HTML 17Page - Microchip Technology MCP4728 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
MCP4728
DS22187C-page 14
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = -40°C to +125°C, VDD = +5.0V, VSS = 0V, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-19:
INL vs. Code and
Temperature.
FIGURE 2-20:
Full Scale Error vs.
Temperature (Code = FFFh, VREF = Internal).
FIGURE 2-21:
Full Scale Error vs.
Temperature (Code = FFFh, VREF = VDD).
FIGURE 2-22:
DNL vs. Code and
Temperature.
FIGURE 2-23:
Zero Scale Error vs.
Temperature (Code = 000h, VREF = Internal).
FIGURE 2-24:
Zero Scale Error vs.
Temperature (Code = 000h, VREF = VDD).
-8
-6
-4
-2
0
2
4
6
0
1024
2048
3072
4096
Code
125
oC
- 40
oC
85
oC
25
oC
VDD = 2.7V, VREF = VDD
-50
-40
-30
-20
-10
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 2.7V, Gain = 1
VDD = 5.5V, Gain = 1
VDD = 5.5V, Gain = 2
10
20
30
40
50
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 2.7V, Gain = 1
VDD = 5.5V, Gain = 1
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
1024
2048
3072
4096
Code
+125
oC- 40oC to +85oC
VDD = 2.7V, VREF = VDD
0
1
2
3
4
5
6
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 2.7V, Gain = 1
VDD = 5.5V, Gain = 1
VDD = 5.5V, Gain = 2
0
1
2
3
4
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 2.7V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com