Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 44Page - Microchip Technology MCP4728 Datasheet HTML 45Page - Microchip Technology MCP4728 Datasheet HTML 46Page - Microchip Technology MCP4728 Datasheet HTML 47Page - Microchip Technology MCP4728 Datasheet HTML 48Page - Microchip Technology MCP4728 Datasheet HTML 49Page - Microchip Technology MCP4728 Datasheet HTML 50Page - Microchip Technology MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
MCP4728
DS22187C-page 48
© 2009 Microchip Technology Inc.
FIGURE 6-2:
DNL Accuracy.
6.5
Offset Error
Offset error (see Figure 6-3) is the deviation from zero
voltage output when the digital input code is zero (zero
scale voltage). This error affects all codes by the same
amount. For the MCP4728 device, the offset error is
not trimmed at the factory. However, it can be calibrated
by software in application circuits.
FIGURE 6-3:
Offset Error.
6.6
Gain Error
Gain error (see Figure 6-4) is the difference between
the actual full scale output voltage from the ideal output
voltage of the DAC transfer curve. The gain error is
calculated after nullifying the offset error, or full scale
error minus the offset error.
The gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. The gain error is usually expressed as percent
of full scale range (% of FSR) or in LSB.
For the MCP4728 device, the gain error is not
calibrated at the factory and most of the gain error is
contributed by the output buffer (op amp) saturation
near the code range beyond 4000. For applications that
need the gain error specification less than 1%
maximum, a user may consider using the DAC code
range between 100 and 4000 instead of using full code
range (code 0 to 4095). The DAC output of the code
range between 100 and 4000 is much more linear than
full scale range (0 to 4095). The gain error can be
calibrated out by software in applications.
6.7
Full Scale Error (FSE)
Full scale error (see Figure 6-4) is the sum of offset
error plus gain error. It is the difference between the
ideal and measured DAC output voltage with all bits set
to one (DAC input code = FFFh).
EQUATION 6-4:
FIGURE 6-4:
Gain Error and Full Scale
Error.
6.8
Gain Error Drift
Gain error drift is the variation in gain error due to a
change in ambient temperature. The gain error drift is
typically expressed in ppm/°C.
010
001
000
Analog
Output
(LSB)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
DNL = 2 LSB
DNL = 0.5 LSB
110
Ideal Transfer Function
Actual Transfer Function
Analog
Output
Ideal Transfer Function
Actual Transfer Function
DAC Input Code
0
Offset
Error
FSE
V
OUT
V
Ideal
–
()
LSB
---------------------------------------
=
Where:
FSE is expressed in LSB.
VIdeal
=(VREF) (1 - 2
-n) - Offset Voltage (V
OS)
VREF
=
Voltage Reference
Analog
Output
Actual Transfer Function
Actual Transfer Function
DAC Input Code
0
Gain Error
Ideal Transfer Function
after Offset Error is removed
Full Scale
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com