Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology MCP4728 Datasheet HTML 38Page - Microchip Technology MCP4728 Datasheet HTML 39Page - Microchip Technology MCP4728 Datasheet HTML 40Page - Microchip Technology MCP4728 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 37
MCP4728
5.6.5
WRITE COMMAND: SELECT VREF
BIT (C2=1, C1=0, C0=0)
When the device receives this command, it updates the
DAC voltage reference selection bit (VREF) of each
channel. The EEPROM data is not affected by this
command. The affected channel’s analog output is
updated after the acknowledge pulse of the last byte.
Figure 5-12 shows an example of the write command
for Select VREF bits.
5.6.6
WRITE COMMAND: SELECT
POWER-DOWN BITS (C2=1, C1=0,
C0=1)
When the device receives this command, it updates the
Power-Down selection bits (PD1, PD0) of each
channel. The EEPROM data is not affected by this
command. The affected channel is updated after the
acknowledge pulse of the last byte. Figure 5-13 shows
an example of the write command for the Select
Power-Down bits.
5.6.7
WRITE COMMAND: SELECT GAIN
BIT (C2=1, C1=1, C0=0)
When the device receives this command, it updates the
gain selection bits (GX) of each channel. The EEPROM
data is not affected by this command. The analog out-
put is updated after the acknowledge pulse of the last
byte. Figure 5-14 shows an example of the write com-
mand for select gain bits.
5.6.8
WRITE COMMAND: WRITE I2C
ADDRESS BITS (C2=0, C1=1, C0=1)
This command writes new I2C address bits (A2, A1,
A0) to the DAC input registers and EEPROM. When
the device receives this command, it overwrites the
current address bits with the new address bits.
This command is valid only when the LDAC pin makes
a transition from “High” to “Low” at the low time of the
last bit (8th clock) of the second byte, and stays “Low”
until the end of the 3rd byte. The update occurs after
“Stop” bit if the conditions are met. The LDAC pin is
used to select a device of interest to write. The highest
clock rate of this command is 400 kHz. Figure 5-11
shows the details of the address write command.
5.6.9
READ COMMAND
If the R/W bit is set to a logic “High” in the I2C serial
communications command, the device enters a
reading mode and reads out the input registers and
EEPROM. Figure 5-15 shows the details of the read
command.
Note 1: To write a new device address, the
current address of the device is also
required. If the current address is not
known, it can be read out by sending
General Call Read Address Bits com-
mand. See
5.4.4 “General call Read
Address Bits” for more details of reading
the I2C address bits.
Note 1: The device address bits are read by using
General
Call
Read
Address
Bits
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com