Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology MCP4728 Datasheet HTML 38Page - Microchip Technology MCP4728 Datasheet HTML 39Page - Microchip Technology MCP4728 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
MCP4728
DS22187C-page 36
© 2009 Microchip Technology Inc.
5.6.3
SEQUENTIAL WRITE COMMAND:
WRITE DAC INPUT REGISTERS
AND EEPROM SEQUENTIALLY
FROM STARTING CHANNEL TO
CHANNEL D
(C2=0, C1=1, C0=0; W1=1, W0=0)
When the device receives this command, it writes the
input data to the DAC input registers sequentially from
the starting channel to channel D, and also writes to
EEPROM
sequentially.
The
starting
channel
is
determined by the DAC1 and DAC0 bits. Table 5-2
shows the functions of the channel selection bits for the
sequential write command.
When the device is writing EEPROM, the RDY/BSY bit
stays “Low” until the EEPROM write operation is
completed. The state of the RDY/BSY bit flag can be
monitored by a read command or at the RDY/BSY pin.
Any new command received during the EEPROM write
operation (RDY/BSY bit is “Low”) is ignored. Figure 5-9
shows an example of the sequential write command.
Updating Analog Outputs:
The analog outputs can be updated by one of the
following
events
after
the
falling
edge
of
the
acknowledge clock pulse of the 4th byte.
a.
When the LDAC pin or UDAC bit is “Low”.
b.
If UDAC bit is “High”, bringing down the LDAC
pin to “Low” any time.
c.
By sending the General Call Software Update
command.
5.6.4
SINGLE WRITE COMMAND: WRITE
A SINGLE DAC INPUT REGISTER
AND EEPROM
(C2=0, C1=1, C0=0; W1=1, W0=1)
When the device receives this command, it writes the
input data to a selected single DAC input register and
also to its EEPROM. The channel is selected by the
channel selection bits (DAC1 and DAC0). See Table
for the channel selection bit function. Figure 5-10
shows an example of the single write command.
Updating Analog Outputs:
The analog outputs can be updated by one of the
following
events
after
the
falling
edge
of
the
acknowledge clock pulse of the 4th byte.
a.
When the LDAC pin or UDAC bit is “Low”.
b.
If UDAC bit is “High”, bringing down the LDAC
pin to “Low” any time.
c.
By sending the General Call Software Update
command.
Note 1: The UDAC bit can be used effectively to
upload the input register to the output
register, but it affects only a selected
channel only, while the LDAC pin and
General Call Software Update command
affect all channels.
TABLE 5-2:
DAC CHANNEL SELECTION
BITS FOR SEQUENTIAL
WRITE COMMAND
DAC1
DAC0
Channels
00
Ch. A - Ch. D
01
Ch. B - Ch. D
10
Ch. C - Ch. D
11
Ch. D
Note 1: The UDAC bit can be used effectively to
upload the input register to the output
register, but it affects only a selected
channel only, while the LDAC pin and
General Call Software Update command
affect all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com