Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 9
MCP4728
SCL Rise Time
(Note 1)
TRSCL
—
—
1000
ns
Standard Mode
20 + 0.1Cb
—
300
ns
Fast Mode
20
—
80
ns
High Speed Mode 1.7
20
—
160
ns
High Speed Mode 1.7
(Note 2)
10
—
40
ns
High Speed Mode 3.4
10
—
80
ns
High Speed Mode 3.4
(Note 2)
SDA Rise Time
(Note 1)
TRSDA
—
—
1000
ns
Standard Mode
20 + 0.1Cb
—
300
ns
Fast Mode
20
—
80
ns
High Speed Mode 1.7
10
—
40
ns
High Speed Mode 3.4
SCL Fall Time
(Note 1)
TFSCL
—
—
300
ns
Standard Mode
20 + 0.1Cb
—
300
ns
Fast Mode
20
—
160
ns
High Speed Mode 1.7
10
—
80
ns
High Speed Mode 3.4
SDA Fall Time
(Note 1)
TFSDA
—
—
300
ns
Standard Mode
20 + 0.1Cb
—
300
ns
Fast Mode
20
—
160
ns
High Speed Mode 1.7
10
—
80
ns
High Speed Mode 3.4
Data Input Setup Time
TSU:DAT
250
—
—
ns
Standard Mode
100
—
—
ns
Fast Mode
10
—
—
ns
High Speed Mode 1.7
10
—
—
ns
High Speed Mode 3.4
Data Hold Time
(Input, Output)
(Note 3)
THD:DAT
0
—
3450
ns
Standard Mode
0
—
900
ns
Fast Mode
0
—
70
ns
High Speed Mode 1.7
0
—
150
ns
High Speed Mode 3.4
Output Valid from Clock
(Note 4)
TAA
0
—
3750
ns
Standard Mode
0
—
1200
ns
Fast Mode
0
—
150
ns
High Speed Mode 1.7
0
—
310
ns
High Speed Mode 3.4
Bus Free Time
(Note 5)
TBUF
4700
—
—
ns
Standard Mode
1300
—
—
ns
Fast Mode
—
—
—
ns
High Speed Mode 1.7
—
—
—
ns
High Speed Mode 3.4
Input Filter Spike Suppression
(SDA and SCL)
(Not Tested)
TSP
—
—
—
ns
Standard Mode, (Not Applicable)
—
50
—
ns
Fast Mode
—
10
—
ns
High Speed Mode 1.7
—
10
—
ns
High Speed Mode 3.4
I2C SERIAL TIMING SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are specified for T
A = -40 to +125°C, VSS = 0V,
Standard and Fast Mode: VDD = +2.7V to +5.5V
High Speed Mode: VDD = +4.5V to +5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is ensured by characterization and is not 100% tested.
2:
After a Repeated Start condition or an Acknowledge bit.
3:
If this parameter is too short, it can create an unintentional Start or Stop condition to other devices on the I2C bus line. If
this parameter is too long, the Data Input Setup (TSU:DAT) or Clock Low time (TLOW) can be affected.
Data Input: This parameter must be longer than t
SP.
Data Output: This parameter is characterized, and tested indirectly by testing T
AA parameter.
4:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TFSDA (OR TRSDA).
5:
Time between Start and Stop conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com