Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 39Page - Microchip Technology MCP4728 Datasheet HTML 40Page - Microchip Technology MCP4728 Datasheet HTML 41Page - Microchip Technology MCP4728 Datasheet HTML 42Page - Microchip Technology MCP4728 Datasheet HTML 43Page - Microchip Technology MCP4728 Datasheet HTML 44Page - Microchip Technology MCP4728 Datasheet HTML 45Page - Microchip Technology MCP4728 Datasheet HTML 46Page - Microchip Technology MCP4728 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 43
MCP4728
FIGURE 5-12:
Write Command: Write Voltage Reference Selection Bit (VREF) to the DAC Input
Registers.
FIGURE 5-13:
Write Command: Write Power-Down Selection Bits (PD1, PD0) to the DAC Input
Registers. See Table 4-7 for the power-down bit setting.
Note 1: V
REF = 0: VDD
= 1: Internal Reference (2.048V)
VREF A = Voltage reference of Channel A
VREF B = Voltage reference of Channel B
VREF C = Voltage reference of Channel C
VREF D = Voltage reference of Channel D
2: X is don’t care bit.
Command Type Bits:
C2=1
C1=0
C0=0
1st byte
Note 1
2nd Byte
R/W
Device Addressing
ACK
(MCP4728)
(C2 C1 C0)
Start
Write
S
1
1
0
0A2 A1 A00
A1
0
0
X
VREF AVREF BVREF CVREF D A
P
Command
Registers and VOUT are updated
at this falling edge of ACK pulse.
Stop
Note 1: X is don’t care bit.
2nd Byte
(C2 C1 C0)
3rd Byte
1
0
1
X
PD1 A
PD0 A PD1 B PD0 B A
PD1 C
PD0 C PD1 D
PD0 D
X
X
X
X
A
P
ACK
(MCP4728)
1st byte
Channel C
R/W
Device Addressing
ACK
(MCP4728)
Start
Write
S
1
1
0
0
A2A1A0
0
A
Command
Command Type Bits:
C2=1
C1=0
C0=1
Stop
Registers and VOUT are updated
at this falling edge of ACK pulse.
Channel A
Channel B
Channel D
for Power-Down
Selection Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com