Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology MCP4728 Datasheet HTML 14Page - Microchip Technology MCP4728 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 11
MCP4728
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = -40°C to +125°C, VDD = +5.0V, VSS = 0V, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-1:
INL vs. Code (TA = +25°C).
FIGURE 2-2:
INL vs. Code (TA = +25°C).
FIGURE 2-3:
INL vs. Code (TA = +25°C).
FIGURE 2-4:
DNL vs. Code (TA = +25°C).
FIGURE 2-5:
DNL vs. Code (TA = +25°C).
FIGURE 2-6:
DNL vs. Code (TA = +25°C).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-6
-4
-2
0
2
4
6
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = Internal, Gain = x1
-6
-4
-2
0
2
4
6
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = Internal, Gain = x2
-6
-4
-2
0
2
4
6
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = VDD
-0.2
-0.1
0
0.1
0.2
0.3
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = Internal, Gain = x1
-0.2
-0.1
0
0.1
0.2
0.3
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = Internal, Gain = x2
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
1024
2048
3072
4096
Code
VDD = 5.5V, VREF = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com