Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 38Page - Microchip Technology MCP4728 Datasheet HTML 39Page - Microchip Technology MCP4728 Datasheet HTML 40Page - Microchip Technology MCP4728 Datasheet HTML 41Page - Microchip Technology MCP4728 Datasheet HTML 42Page - Microchip Technology MCP4728 Datasheet HTML 43Page - Microchip Technology MCP4728 Datasheet HTML 44Page - Microchip Technology MCP4728 Datasheet HTML 45Page - Microchip Technology MCP4728 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
MCP4728
DS22187C-page 42
© 2009 Microchip Technology Inc.
FIGURE 5-11:
Write Command: Write I2C Address Bits to the DAC Registers and EEPROM.
Command Type Bits:
C2=0
C1=1
C0=1
1st Byte
2nd Byte
Command New Address Bits
(for confirmation)
Note 3
(Notes 1, 2, 3)
LDAC Pin
4th Byte
Start
3rd Byte
Stop
S 1 100 A2 A1 A0 0 A0 1 1 A2 A1 A0 0 1 A 011 A2 A1 A0 1 0 A
011 A2 A1 A0 1 1 A P
Clock and LDAC Transition Details:
Note 1: Clock Pulse and LDAC Transition Details.
2: LDAC pin events at the 2nd and 3rd bytes:
a.
Keep LDAC pin “High” until the end of the positive pulse of the 8th clock of the
2nd byte.
b.
LDAC pin makes a transition from “High” to “Low” during the negative pulse of the
8th clock of the 2nd byte (just before the rising edge of the 9th clock), and stays
“Low” until the rising edge of the 9th clock of the 3rd byte.
c.
The MCP4728 device does not acknowledge the 3rd byte if the conditions (a) and
(b) are not met.
3: LDAC pin resumes its normal function after “Stop” bit.
4: EEPROM Write:
a.
Charge Pump initiates the EEPROM write sequence at the falling edge of the 4th
byte’s ACK pulse.
b.
The RDY/BSY bit (pin) goes “Low” at the falling edge of this ACK clock and back
to “High” immediately after the EEPROM write is completed.
Type
R/W
Device
Current
Address Bits
Type
Command
Current
Address Bits
Code
New
Address Bits
Type
Command
Note 4
Note 3
Clock Pulse
LDAC Pin
2nd Byte
3rd Byte
4th Byte
Note 2 (a)
ACK (
MCP4728)
Note 2(b)
Stay “Low” during this 3rd byte
Note 2(b)
(CLK Line)
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
-----
9
P
Stop
Note 4
(C2 C1 C0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com