Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology MCP4728 Datasheet HTML 38Page - Microchip Technology MCP4728 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 35
MCP4728
5.6.1
FAST WRITE COMMAND
(C2=0, C1=0, C0=X, X = DON’T
CARE)
The Fast Write command is used to update the input
DAC registers from channels A to D sequentially. The
EEPROM data is not affected by this command. This
command is called “Fast Write” because it updates the
input registers with only limited data bits. Only the
Power-Down mode selection bits (PD1 and PD0) and
12 bits of DAC input data are writable.
The input register is updated at the acknowledge pulse
of each channel’s last data byte. Figure 5-7 shows an
example of the Fast Write command.
Updating Analog Outputs:
a.
When the LDAC pin is “High” before the last byte
of the channel D, all analog outputs are updated
simultaneously by bringing down the LDAC pin
to “Low” any time.
b.
If the command starts with the LDAC pin “Low”,
the channel’s analog output is updated at the
falling edge of the acknowledge clock pulse of
the channel’s last byte.
c.
Send
the
General
Call
Software
Update
command: This command updates all channels
simultaneously.
5.6.2
MULTI-WRITE COMMAND: WRITE
DAC INPUT REGISTERS
(C2=0, C1=1, C0=0; W1=0, W0=0)
This command is used to write DAC input register, one
at a time. The EEPROM data is not affected by this
command.
The DAC selection bits (DAC1, DAC0) select the DAC
channel to write. Only a selected channel is affected.
Repeated bytes are used to write more multiple DAC
registers.
The D11 - D0 bits in the third and fourth bytes are the
DAC input data of the selected DAC channel. Bytes 2 -
4 can be repeated for the other channels. Figure 5-8
shows an example of the Multi-Write command.
Updating Analog Outputs:
The analog outputs can be updated by one of the
following
events
after
the
falling
edge
of
the
acknowledge clock pulse of the 4th byte.
a.
When the LDAC pin or UDAC bit is “Low”.
b.
If UDAC bit is “High”, bringing down the LDAC
pin to “Low” any time.
c.
By sending the General Call Software Update
command.
Note 1: UDAC bit is not used in this command.
Note 1: The UDAC bit can be used effectively to
upload the input register to the output
register, but it affects only a selected
channel only, while the LDAC pin and
General Call Software Update command
affect all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com