Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
MCP4728
DS22187C-page 30
© 2009 Microchip Technology Inc.
In this case, the slave (MCP4728) will leave the data
line HIGH to enable the master to generate the STOP
condition.
FIGURE 5-1:
Data Transfer Sequence On The Serial Bus.
5.3
MCP4728 Device Addressing
The address byte is the first byte received following the
START condition from the master device. The first part
of the address byte consists of a 4-bit device code
which is set to 1100 for the MCP4728 device. The
device code is followed by three I2C address bits (A2,
A1, A0) which are programmable by the users.
Although the three address bits are programmable at
the user’s application PCB, the user can also specify
the address bits during the product ordering process. If
there is no user’s request, the factory default setting of
the three address bits is “000” which is programmed
into the EEPROM. The three address bits allows eight
unique addresses.
FIGURE 5-2:
Device Addressing.
5.3.1
PROGRAMMING OF I2C ADDRESS
BITS
When the customer first receives any new MCP4728
device, its default address bit setting is “000” if the
address bit programming was not requested. The
customer can reprogram the I2C address bits into the
EEPROM by using “Write Address Bit” command. This
write command needs current address bits. If the
address bits are unknown, the user can find them by
sending “General Call Read Address” Command. The
LDAC pin is also used to select the device of interest to
be programmed or to read the current address.
The following steps are needed for the I2C address
programming.
(a) Read the address bits using “General Call Read
Address” Command. (This is the case when the
address is unknown.)
(b) Write I2C address bits using “Write I2C Address
Bits” Command.
The write address command will replace the current
address with a new address in both input registers and
EEPROM.
See
Section 5.4.4 “General call Read Address Bits”
for the details of reading the address bits, and
Section 5.6.8 “Write Command: Write I2C Address
bits (C2=0, C1=1, C0=1)” for writing the address bits.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION
Start bit
Read/Write bit
Address Byte
R/W
ACK
Acknowledge bit
Slave Address
1
1
0
0
Slave Address for
MCP4728
A2
A1
A0
Note:
Device Code: Programmed (hard-wired) at the factory.
Address Bits: Reprogrammable into EEPROM by the user.
Device Code
Address Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com