Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 70 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
70
______________________________________________________________________________________
To enable harmonic measurement, first select a voltage
or current channel to monitor. This is done in the
AUX_CFG register. The AUX_MUX field is the 4-bit
value that selects one of the three voltage channels or
one of the four current channels to monitor.
The order of the harmonic is set in ORDH field of the
AUX_CFG register.
Also in the AUX_CFG register are two bits that enable
the auxiliary channel and enable harmonic measure-
ment on the auxiliary channel. To enable the auxiliary
channel, set the ENAUX bit. Once set, the MAXQ3183
will perform an RMS calculation on the selected chan-
nel. This is useful only for the IN (neutral current) chan-
nel, since every other voltage and current already have
RMS calculations applied by default. (The DADCNV bit
should be cleared in the SCAN_IN register in order to
enable sampling the IN channel.)
To enable harmonic measurement, set the ENHARM
bit. Now, the selected voltage or current signal is
passed to a filter that is identical to the second-order
fundamental filter, but that has separate parameters
(A1HARM, B0HARM).
Current Total Harmonic Distortion Plus
Noise (THDN)
The MAXQ3183 can output the THDN ratio for selected
current channel on-demand. It is calculated as:
This represents the ratio of the power of harmonics plus
noise over the power of the fundamental signal. To acti-
vate THDN computation, the host must first configure
the AUX channel to produce first harmonic (fundamen-
tal) on the desired current channel:
• Set AUX_CFG = 0x01C3 for current phase A
• Set AUX_CFG = 0x01C5 for current phase B
• Set AUX_CFG = 0x01C7 for current phase C
Then the THDN ratio can be read from one of the fol-
lowing virtual registers:
• Register 0x859 returns THDN.A for current phase A
• Register 0x85A returns THDN.B for current phase B
• Register 0x85C returns THDN.C for current phase C
Each register returns a raw binary value representing
the THDN ratio with LSB = 2–32. Since computation
involves signal filtering, the value THDN could require a
few seconds to settle before producing stable output.
Current Vector Sum
The MAXQ3183 supports two forms of current vector
sum calculations depending on whether neutral current
IN is available:
IVS3(t) = IA(t) + IB(t) + IC(t)
or
IVS4(t) = IA(t) + IB(t) + IC(t) + IN(t)
The sum must be calculated on instantaneous sample
basis. In a balanced 3-phase system, the vector sum IVS3
should be zero; a nonzero value indicates a current
unbalance. When neutral current available, vector sum
IVS4 should be always zero, no matter balanced or unbal-
anced loads; a nonzero value indicates tamper (energy
theft) or wrong meter connection. In the MAXQ3183, the
samples for IA, IB, IC, and IN are not simultaneous, there-
fore the device automatically applies an allpass filter to IB,
IC, and IN before calculating vector sum.
The MAXQ3183 calculates the RMS value of IVS3 or
IVS4 on-demand using the AUX channel. To activate
vector sum computations, the host must set following
configuration bits:
For IVS3:
1) AUX_CFG.ENAUX = 1—to enable the AUX channel
2) AUX_CFG.AUX_MUX = 1001b (0x9)—select IA + IB
+ IC input to the AUX channel
The above settings result in AUX_CFG = 0x0049.
For IVS4:
1) SCAN_IN.DADCNV = 0—to enable ADC sampling
neutral current IN (SCAN_IN = 0x60)
2) AUX_CFG.ENAUX = 1—to enable the AUX channel
3) AUX_CFG.AUX_MUX =1111b (0xF)—select IA + IB
+ IC + IN input to the AUX channel
The above settings result in AUX_CFG = 0x004F.
Once the above configuration is set, the MAXQ3183
starts accumulating the specified vector sum. The result
can then be read from the N.RMS register as raw value
or from I.N virtual register as converted value. If the
averaging filter is enabled (AVG_C > 0), the value could
require a few seconds to settle before producing stable
output. The MAXQ3183 has an additional control bit
AUX_CFG.INREV to reverse the sign of IN current. When
the bit is set (AUX_CFG = 0x006F), the MAXQ3183 cal-
culates the value (IA + IB + IC - IN) instead of (IA + IB +
IC + IN). Doing so allows vector sum computation in
case of reverse connection of neutral current sensor.
A threshold (ISUMLVL, address 0x054) can also be
specified to cause the MAXQ3183 to generate an inter-
rupt when the vector sum exceeds the threshold.
THDN X
XIRMS
XIRMS
fund
.
.
.
=−
2
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com