Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
47
Virtual Register Conversion Coefficients
Voltage Units Conversion Coefficient (VOLT_CC) (0x014)
This register contains the value by which the raw voltage value in each phase (A.VRMS, B.VRMS, and C.VRMS) is
multiplied before being presented to the virtual RMS voltage registers (V.A, V.B, and V.C).
To determine the value of VOLT_CC, a voltage value for the least significant bit (VOLT_LSB) of the V.X registers must
be selected. Typical values might range from 1mV to 1nV. To avoid significant conversion loss, VOLT_LSB should be
chosen such that VOLT_CC is >1000. Once VOLT_LSB is determined, calculate VOLT_CC from the following equa-
tion:
Current Units Conversion Coefficient (AMP_CC) (0x016)
This register contains the value by which the raw current value in each phase (A.IRMS, B.IRMS, C.IRMS, and
N.IRMS) is multiplied before being presented to the virtual RMS current registers (I.A, I.B, I.C, and I.N). To determine
the value of AMP_CC, a current value for the least significant bit (AMP_LSB) of the I.X registers must be selected.
Typical values might range from 1nA to 10μA. To avoid significant conversion loss, AMP_LSB should be chosen
such that AMP_CC is >1000. Once determined, calculate AMP_CC from the following equation:
AMP CC
I
AMP LSB
FS
_
_
=
×
2 24
VOLT CC
V
VOLT LSB
FS
_
_
=
×
2 24
Bit:
15
14
13
12
11
10
9
8
Name:
Voltage Units Conversion Coefficient High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Voltage Units Conversion Coefficient Low Byte
Reset:
0x01
Bit:
15
14
13
12
11
10
9
8
Name:
Current Units Conversion Coefficient High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Current Units Conversion Coefficient Low Byte
Reset
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com