Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
42
______________________________________________________________________________________
Interrupt Mask, Phase X = A/B/C (X.MASK) (A: 0x145, B: 0x231, C: 0x31D)
Energy Overflow Flags, Phase X = A/B/C (X.EOVER) (A: 0x146, B: 0x232, C: 0x31E)
These bits indicate that an overflow condition has occurred on an energy accumulator. An overflow condition is not
an error condition. Rather, it simply indicates that the value in the energy accumulator could be smaller than the pre-
vious reading due to the overflow in the counter. To obtain the actual energy usage since the previous reading,
0x100000000 must be added to the difference. These bits, once set, can be cleared only by the host.
Bit:
7
6
5
4
3
2
1
0
Name:
DIR_R
DIR_A
DCHRM
DCHAM
NOZXM
UVM
OVM
OCM
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
DIR_R
Reactive Energy Direction Status
0 = positive
1 = negative
6
DIR_A
Active Energy Direction Status
0 = positive
1 = negative
5
DCHRM
Reactive Energy Direction Change Mask. If set, a change in reactive power direction on phase X
causes the DCHR flag in the IRQ_FLAG register to be set.
4
DCHAM
Real Energy Direction Change Mask. If set, a change in real power direction on phase X causes the
DCHA flag in the IRQ_FLAG register to be set.
3
NOZXM
No-Zero Crossing Mask. If set, a no-zero crossing on phase X causes the NOZX flag in the IRQ_FLAG
register to be set.
2
UVM
Undervoltage Mask. If set, an undervoltage condition on phase X causes the UV flag in the IRQ_FLAG
register to be set.
1
OVM
Overvoltage Mask. If set, an overvoltage condition on phase X causes the OV flag in the IRQ_FLAG
register to be set.
0
OCM
Overcurrent Mask. If set, an overcurrent condition on phase X causes the OC flag in the IRQ_FLAG
register to be set.
BIT
NAME
FUNCTION
7:5
—
Reserved.
4
SOV
When set, indicates an overflow condition on the apparent energy accumulator.
3
RNOV
When set, indicates an overflow condition on the reactive negative energy accumulator.
2
RPOV
When set, indicates an overflow condition on the reactive positive energy accumulator.
1
ANOV
When set, indicates an overflow condition on the real negative energy accumulator.
0
APOV
When set, indicates an overflow condition on the real positive energy accumulator.
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
SOV
RNOV
RPOV
ANOV
APOV
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com