Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
38
______________________________________________________________________________________
Voltage Gain, Phase X = A/B/C (X.V_GAIN) (A: 0x132, B: 0x21E, C: 0x30A)
This register contains gain coefficient for phase X voltage channel. The raw values are taken from the selected mea-
surement quantity and scaled by the factor:
Note: Bit 15 of this register must be set to zero for correct operation.
Energy Gain, Phase X = A/B/C (X.E_GAIN) (A: 0x134, B: 0x220, C: 0x30C)
This register contains gain coefficient for phase X energy. The raw values are taken from the selected measurement
quantity and scaled by the factor:
Note: Bit 15 of this register must be set to zero for correct operation.
Phase-Angle Compensation, High Range, Phase X = A/B/C (X.PA0)
(A: 0x13E, B: 0x22A, C: 0x316)
This signed register contains the angle as a fraction of one radian to add to the measured phase angle when the
measured current is above the value given in I1THR. This signed value ranges from -0.5 radian (at a value of
0x8000) to +(0.5 - 2-16) radian (at a value of 0x7FFF).
X E GAIN
._
214
X V GAIN
._
214
Bit:
15
14
13
12
11
10
9
8
Name:
Voltage Gain Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Voltage Gain Coefficient Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Energy Gain Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Energy Gain Coefficient Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Phase-Angle Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Phase-Angle Offset Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com