Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 50 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 50 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
50
______________________________________________________________________________________
Energy Units Conversion Coefficient (ENR_CC) (0x01A) (continued)
DESCRIPTION
RAW
VIRTUAL
Reactive energy, phase C, positive direction, fundamental only
C.ERFPOS
Reactive energy, phase C, reverse direction, fundamental only
C.ERFNEG
ENRQF.C*
Reactive energy, total, fundamental only
—
ENRQF.T
Apparent energy, phase A, fundamental only
A.ESF
ENRSF.A
Apparent energy, phase B, fundamental only
B.ESF
ENRSF.B
Apparent energy, phase C, fundamental only
C.ESF
ENRSF.C
Apparent energy, total, fundamental only
—
ENRSF.T
To avoid significant conversion loss, ENR_LSB should be chosen such that ENR_CC is > 1000. Calculate the value
of ENR_CC according to the following formula:
Temperature Conversion Coefficient (TEMP_CC) (0x060)
This register contains the temperature conversion coefficient that is applied to convert the temperature sensor bina-
ry output into degrees Celsius, per the following equation, where RAW_TEMP is the raw temperature sensor output.
T_C = RAW_TEMP x TEMP_CC/216 - 273.15
Note that TEMP_CC should be obtained by calibrating the temperature sensor at the desired operation condition.
Typical approximate value is TEMP_CC = 0x0426. To read temperature, use the special register command 0xC01.
ENR CC
IV
t
ENR LSB
FS
FS
FR
_
_
=
××
×
216
*
These registers represent the algebraic sum of the positive and reverse energy in the two “raw” registers noted. Thus, the energy
accumulated in these virtual registers represents the net energy.
Bit:
15
14
13
12
11
10
9
8
Name:
Temperature Conversion Coefficient High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Temperature Conversion Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com