Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
37
CFQ Pulse Threshold (THR2) (0x028)
This register designates the threshold of the CFQ pulse. This value is used to set the meter constant for the CFQ
pulse output. When the CFQ pulse accumulator exceeds the value set in this register, the CFQ pulse output is acti-
vated and the CFQ pulse accumulator is reduced by the amount in this register.
Calibration Registers
Current Gain, Phase X = A/B/C/N (X.I_GAIN) (A: 0x130, B: 0x21C, C: 0x308, N: 0x12E)
This register contains gain coefficient for phase X current channel. The raw values are taken from the selected mea-
surement quantity and scaled by the factor:
Note: Bit 15 of this register must be set to zero for correct operation.
X I GAIN
._
214
Bit:
31
30
29
28
27
26
25
24
Name:
THR2 Byte 3
Reset:
0x00
Bit:
23
22
21
20
19
18
17
16
Name:
THR2 Byte 2
Reset:
0x10
Bit:
15
14
13
12
11
10
9
8
Name:
THR2 Byte 1
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
THR2 Byte 0
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Current Gain Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Current Gain Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com